Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA133 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA133
Description  High-Speed, Precision DIFFERENCE AMPLIFIERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA133 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA133 Datasheet HTML 6Page - Texas Instruments INA133 Datasheet HTML 7Page - Texas Instruments INA133 Datasheet HTML 8Page - Texas Instruments INA133 Datasheet HTML 9Page - Texas Instruments INA133 Datasheet HTML 10Page - Texas Instruments INA133 Datasheet HTML 11Page - Texas Instruments INA133 Datasheet HTML 12Page - Texas Instruments INA133 Datasheet HTML 13Page - Texas Instruments INA133 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
®
INA133, INA2133
TYPICAL APPLICATIONS
5
6
1
3
INA133
2
V
1
V
O
A
2
A
1
R
2
R
2
R
1
–In
V
2
+In
V
O = (1 + 2R2/R1) (V2 –V1)
FIGURE 3. Precision Instrumentation Amplifier.
SIMILAR COMPLETE
A1, A2
FEATURE
BURR-BROWN IA
OPA2227
Low Noise
INA103
OPA129
Ultra Low Bias Current (fA)
INA116
OPA2277
Low Offset Drift, Low Noise
INA114, INA128
OPA2130
Low Power, FET-Input (pA)
INA121
OPA2234
Single Supply, Precision, Low Power
INA122, INA118
OPA2237
Single Supply, Low Power, MSOP-8
INA122, INA126
The INA133 can be combined with op amps to form a complete instrumenta-
tion amplifier with specialized performance characteristics. Burr-Brown offers
many complete high performance IAs. Products with related performances
are shown at the right in the table below.
100
(1)
1%
V–
5
6
3
INA133
2
100
(1)
1%
1
V
0
0 to 2V
I
IN
0 to 20mA
NOTE: (1) Input series resistors should be less than
250
Ω (1% max mismatch) to maintain excellent CMR.
With 100
Ω resistors, gain error is increased to 0.5%.
FIGURE 4. Current Receiver with Compliance to Rails.
5
6
2
V
O = (V+)/2
INA133
V+
1
7
4
V+
Common
Common
3
5
6
V
O = –V2
INA133
Gain Error = 0.05% maximum
Nonlinearity = 0.001% maximum
Gain Drift = 1ppm/
°C
2
V
2
13
FIGURE 5. Pseudoground Generator.
FIGURE 6. Precision Unity-Gain Inverting Amplifier.


Similar Part No. - INA133

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133 Datasheet
245Kb / 18P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133U BURR-BROWN-INA133U Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133U BURR-BROWN-INA133U Datasheet
245Kb / 18P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133UA BURR-BROWN-INA133UA Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
More results

Similar Description - INA133

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA133 BURR-BROWN-INA133 Datasheet
190Kb / 15P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA133 BURR-BROWN-INA133_07 Datasheet
245Kb / 18P
   High-Speed, Precision DIFFERENCE AMPLIFIERS
INA157 BURR-BROWN-INA157 Datasheet
80Kb / 8P
   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA157UA-2K5 TI1-INA157UA-2K5 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
INA157 TI1-INA157 Datasheet
288Kb / 12P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER
logo
Burr-Brown (TI)
INA143 BURR-BROWN-INA143 Datasheet
145Kb / 10P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA2143 BURR-BROWN-INA2143 Datasheet
152Kb / 12P
   High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
INA154 BURR-BROWN-INA154 Datasheet
85Kb / 9P
   High-Speed, Precision DIFFERENCE AMPLIFIER G = 1
logo
Texas Instruments
INA154 TI1-INA154 Datasheet
291Kb / 13P
[Old version datasheet]   High-Speed, Precision DIFFERENCE AMPLIFIER (G = 1)
INA143 TI1-INA143 Datasheet
331Kb / 15P
[Old version datasheet]   DIFFERENCE AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com