Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FFPF20UP30DNTU Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FFPF20UP30DNTU
Description  20 A, 300 V, Ultrafast Dual Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UP30DNTU Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FFPF20UP30DNTU Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UP30DNTU Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UP30DNTU Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UP30DNTU Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UP30DNTU Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
©2005 Fairchild Semiconductor Corporation
FFPF20UP
30DN Rev. C1
4
www.fairchildsemi.com
Package Dimensions
Figure 9. TO-220F 3L - TO220, MOLDED, 3LD, FULL PACK, EIAJ SC91, STRAIGHT LEAD
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TF22
0-003


Similar Part No. - FFPF20UP30DNTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results

Similar Description - FFPF20UP30DNTU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
   60 A, 300 V Ultrafast Dual Diode
FFPF20UP20DNTU FAIRCHILD-FFPF20UP20DNTU Datasheet
513Kb / 5P
   20 A, 200 V, Ultrafast Dual Diode
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
   10 A, 300 V, Ultrafast Diode
logo
NXP Semiconductors
BYV32EB-200 PHILIPS-BYV32EB-200_15 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
logo
WeEn Semiconductors
BYV32E-200 WEEN-BYV32E-200 Datasheet
384Kb / 11P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
logo
NXP Semiconductors
BYV32E-200 NXP-BYV32E-200 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-27 February 2009
BYV32EB-200 NXP-BYV32EB-200 Datasheet
141Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 200 V
Rev. 04-2 March 2009
BYV32E-150 NXP-BYV32E-150 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 150 V
Rev. 04-2 March 2009
BYV32E-100 NXP-BYV32E-100 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
BYV32E-100 PHILIPS-BYV32E-100_15 Datasheet
143Kb / 9P
   Dual rugged ultrafast rectifier diode, 20 A, 100 V
Rev. 04-2 March 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com