Electronic Components Datasheet Search |
|
SPC5604PGF1MLL6 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
SPC5604PGF1MLL6 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 95 page MPC5602P Microcontroller Data Sheet, Rev. 4.1 Freescale Semiconductor 11 • Frequency-modulated PLL — Modulation enabled/disabled through software — Triangle wave modulation • Programmable modulation depth (±0.25% to ±4% deviation from center frequency): programmable modulation frequency dependent on reference frequency • Self-clocked mode (SCM) operation 1.5.10 Main oscillator The main oscillator provides these features: • Input frequency range: 4–40 MHz • Crystal input mode or oscillator input mode • PLL reference 1.5.11 Internal RC oscillator This device has an RC ladder phase-shift oscillator. The architecture uses constant current charging of a capacitor. The voltage at the capacitor is compared by the stable bandgap reference voltage. The RC oscillator provides these features: • Nominal frequency 16 MHz • ±5% variation over voltage and temperature after process trim • Clock output of the RC oscillator serves as system clock source in case loss of lock or loss of clock is detected by the PLL • RC oscillator is used as the default system clock during startup 1.5.12 Periodic interrupt timer (PIT) The PIT module implements these features: • 4 general-purpose interrupt timers • 32-bit counter resolution • Clocked by system clock frequency • Each channel usable as trigger for a DMA request 1.5.13 System timer module (STM) The STM implements these features: • One 32-bit up counter with 8-bit prescaler • Four 32-bit compare channels • Independent interrupt source for each channel • Counter can be stopped in debug mode 1.5.14 Software watchdog timer (SWT) The SWT has the following features: • 32-bit time-out register to set the time-out period • Programmable selection of window mode or regular servicing |
Similar Part No. - SPC5604PGF1MLL6 |
|
Similar Description - SPC5604PGF1MLL6 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |