Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT52BR1672 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT52BR1672
Description  16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT52BR1672 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT52BR1672 Datasheet HTML 27Page - ATMEL Corporation AT52BR1672 Datasheet HTML 28Page - ATMEL Corporation AT52BR1672 Datasheet HTML 29Page - ATMEL Corporation AT52BR1672 Datasheet HTML 30Page - ATMEL Corporation AT52BR1672 Datasheet HTML 31Page - ATMEL Corporation AT52BR1672 Datasheet HTML 32Page - ATMEL Corporation AT52BR1672 Datasheet HTML 33Page - ATMEL Corporation AT52BR1672 Datasheet HTML 34Page - ATMEL Corporation AT52BR1672 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
31
AT52BR1672(T)/1674(T)
2604B–STKD–09/02
Note:
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is
stress rating only and the functional operation of the device under these or any other conditions above those indicated in the
operation of this specification is not implied. Exposure to the absolute maximum rating conditions for extended period may
affect reliability.
Notes:
1. H = VIH,L = VIL,X = Don'tCare (VIL or VIH)
2. SUB,SLB (Upper, Lower Byte Enable). These active LOW inputs allow individual bytes to be written or read. When SLB is
LOW, data is written or read to the lower byte, I/O0 - I/O7. When SUB is LOW, data is written or read to the upper byte, I/O8
- I/O15.
Note:
1. Undershoot: V
IL = -1.5V for pulse width less than 30 ns. Undershoot is sampled, not 100% tested.
Absolute Maximum Ratings
(1)
Symbol
Parameter
Rating
Unit
VIN,VOUT
Input/Output Voltage
-0.3 to 3.6
V
VCC
Power Supply
-0.3 to 4.6
V
TA
Operating Temperature
-40 to 85
°C
TSTG
Storage Temperature
-55 to 150
°C
P
D
Power Dissipation
1.0
W
Truth Table
SCS1
SCS2
SWE
SOE
SLB
(2)
SUB
(2)
Mode
I/O Pin
Power
I/O0 - I/O7
I/O8 - I/O15
H
(1)
X
XX
XX
Deselected
High-Z
High-Z
Standby
X
(1)
L
XX
H
H
L
(1)
HH
H
LH
Output Disabled
High-Z
High-Z
Active
HL
LL
LH
L
X
LH
Write
D
IN
High-Z
Active
HL
High-Z
D
IN
LL
D
IN
D
IN
DIN
High-Z
LH
HL
LH
Read
DOUT
High-Z
Active
HL
High-Z
DOUT
LL
DOUT
DOUT
D
OUT
High-Z
Recommended DC Operating Condition
Symbol
Parameter
Min
Typ
Max
Unit
V
CC
Supply Voltage
2.7
3.0
3.3
V
V
SS
Ground
0
0
0
V
VIH
Input High Voltage
2.2
VCC +0.3
V
VIL
(1)
Input Low Voltage
-0.31
(1)
0.6
V


Similar Part No. - AT52BR1672

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1664A ATMEL-AT52BR1664A Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664A-70CI ATMEL-AT52BR1664A-70CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664A-90CI ATMEL-AT52BR1664A-90CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR1664AT-70CI ATMEL-AT52BR1664AT-70CI Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
More results

Similar Description - AT52BR1672

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
   16-megabit Flash 4-megabit SRAM Stack Memory
AT52BR3228A ATMEL-AT52BR3228A Datasheet
369Kb / 46P
   32-megabit Flash 4-megabit/ 8-megabit SRAM Stack Memory
AT45BR3214B ATMEL-AT45BR3214B Datasheet
488Kb / 40P
   32-MEGABIT DATAFLASH 4-MEGABIT SRAM STACK MEMORY
AT49LW040 ATMEL-AT49LW040 Datasheet
465Kb / 34P
   8-megabit and 4-megabit Firmware Hub Flash Memory
logo
Eon Silicon Solution In...
EN25D16 EON-EN25D16 Datasheet
483Kb / 37P
   16 Megabit Serial Flash Memory
logo
ON Semiconductor
CAT28F020 ONSEMI-CAT28F020 Datasheet
358Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020 Datasheet
100Kb / 14P
   2 Megabit CMOS Flash Memory
logo
ON Semiconductor
CAT28F020GI-12TE13 ONSEMI-CAT28F020GI-12TE13 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
CAT28F020P-15 ONSEMI-CAT28F020P-15 Datasheet
113Kb / 16P
   2 Megabit CMOS Flash Memory
Doc. No. MD-1029, Rev. F
logo
Catalyst Semiconductor
CAT28F020 CATALYST-CAT28F020_04 Datasheet
431Kb / 15P
   2 Megabit CMOS Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com