Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS19452CS-RLG Datasheet(PDF) 4 Page - Taiwan Semiconductor Company, Ltd

Part # TS19452CS-RLG
Description  AC/DC WLED Driver with Internal MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS19452CS-RLG Datasheet(HTML) 4 Page - Taiwan Semiconductor Company, Ltd

  TS19452CS-RLG Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS19452CS-RLG Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS19452CS-RLG Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS19452CS-RLG Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS19452CS-RLG Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS19452CS-RLG Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS19452CS-RLG Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TS19452
AC/DC WLED Driver with Internal MOSFET
Universal Switch Mode
4/7
Version: A12
Application Information (Continue)
Where L is the inductance value, and CL is the coil capacitance. Charging and discharging this capacitance every
switching cycle causes high-current spikes in the LED string. Therefore, connecting a small capacitor CO(~100nF)
is recommended to bypass these spikes.
Using an ultra-fast rectifier diode for D1 is recommended to achieve high efficiency and reduce the risk of false
triggering of the current sense comparator. Using diodes with shorter reverse recovery time trr and lower junction
capacitance CJ achieves better performance. The reverse voltage rating VR of the diode must be greater than the
maximum input voltage of LED lamps.
The total parasitic capacitance present at the Drain pin of the TS19452 can be calculated as:
CP = CDRAIN + CPCB + CL + CJ
When the switching MOSFET turns on, the capacitance CP is discharged into the Drain pin of the IC. The discharge
current is limited to about 150mA typically. However, it may become lower at increased junction temperature. The
duration of the leading edge current spike can be estimated as:
TPSIKE = ((VIN x CP) / (ISAT)) + tr
EMI Filter
As with all off-line converters, selecting an input filter is critical to obtaining good EMI. A switching side capacitor,
albeit of small value, is necessary in order to ensure low impedance to the high frequency switching currents of the
converter. As a rule of thumb, this capacitor should be approximately 0.1~0.2µF/W of LED output power.


Similar Part No. - TS19452CS-RLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRL TSC-TS19450CSRL Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450CSRLG TSC-TS19450CSRLG Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
More results

Similar Description - TS19452CS-RLG

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS19451 TSC-TS19451 Datasheet
180Kb / 7P
   AC/DC WLED Driver with Internal MOSFET Universal Switch Mode
TS19450 TSC-TS19450 Datasheet
396Kb / 8P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19450 TSC-TS19450_15 Datasheet
304Kb / 10P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19460 TSC-TS19460 Datasheet
132Kb / 7P
   AC/DC WLED Driver with External MOSFET Universal High Brightness
TS19453 TSC-TS19453 Datasheet
108Kb / 7P
   AC/DC Programmable Current WLED Driver
TS19460 TSC-TS19460_15 Datasheet
353Kb / 9P
   AC/DC WLED Driver with Average-Mode Constant Current Control
logo
IXYS Corporation
LDS8726 IXYS-LDS8726 Datasheet
474Kb / 10P
   49 WLED Driver with Boost Converter
LDS8724 IXYS-LDS8724 Datasheet
474Kb / 10P
   40 WLED Driver with Boost Converter
logo
YOBON TECHNOLOGIES,INC.
YB1521 YOBON-YB1521 Datasheet
701Kb / 9P
   High Power Step-Up DC-DC Converter & WLED Driver
logo
AiT Semiconductor Inc.
AP8275 AITSEMI-AP8275 Datasheet
863Kb / 15P
   QUASI-RESONANT AC-DC CONVERTER WITH INTERNAL HV
REV1.0
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com