Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F4096 Datasheet(PDF) 5 Page - ATMEL Corporation

Part No. AT49F4096
Description  4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F4096 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49F4096 Datasheet HTML 1Page - ATMEL Corporation AT49F4096 Datasheet HTML 2Page - ATMEL Corporation AT49F4096 Datasheet HTML 3Page - ATMEL Corporation AT49F4096 Datasheet HTML 4Page - ATMEL Corporation AT49F4096 Datasheet HTML 5Page - ATMEL Corporation AT49F4096 Datasheet HTML 6Page - ATMEL Corporation AT49F4096 Datasheet HTML 7Page - ATMEL Corporation AT49F4096 Datasheet HTML 8Page - ATMEL Corporation AT49F4096 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Operating Modes
Mode
CE
OE
WE
RESET
Ai
I/O
Read
VIL
VIL
VIH
VIH
Ai
DOUT
Program/Erase (2)
VIL
VIH
VIL
VIH
Ai
DIN
Standby/Write
Inhibit
VIH
X
(1)
XVIH
X
High Z
Program Inhibit
X
X
VIH
VIH
Program Inhibit
X
VIL
XVIH
Output Disable
X
VIH
XVIH
High Z
Reset
X
X
X
VIL
X
High Z
Product
Identification
Hardware
VIL
VIL
VIH
VIH
A1 - A17 = VIL, A9 = VH,
(3)
A0 = VIL
Manufacturer Code (4)
A1 - A17 = VIL, A9 = VH,
(3)
A0 = VIH
Device Code (4)
Software (5)
VIH
A0 = VIL, A1 - A17 = VIL
Manufacturer Code (4)
A0 = VIH, A1 - A17 = VIL
Device Code (4)
4. Manufacturer Code: 1FH, Device Code: 92H
5. See details under Software Product Identification Entry/Exit.
Notes: 1. X can be VIL or VIH.
2. Refer to AC Programming Waveforms.
3. VH = 12.0V
± 0.5V.
DC and AC Operating Range
AT49F4096-90
AT49F4096-12
Operating
Temperature (Case)
Com.
0°C - 70°C
0°C - 70°C
Ind.
-40°C - 85°C
-40°C - 85°C
VCC Power Supply
5V
± 10%
5V
± 10%
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
ILI
Input Load Current
VIN = 0V to VCC
10
µA
ILO
Output Leakage Current
VI/O = 0V to VCC
10
µA
ISB1
VCC Standby Current CMOS
CE = VCC - 0.3V to VCC
300
µA
ISB2
VCC Standby Current TTL
CE = 2.0V to VCC
3mA
ICC (1)
VCC Active Current
f = 5 MHz; IOUT = 0 mA
50
mA
VIL
Input Low Voltage
0.8
V
VIH
Input High Voltage
2.0
V
VOL
Output Low Voltage
IOL = 2.1 mA
.45
V
VOH1
Output High Voltage
IOH = -400
µA
2.4
V
VOH2
Output High Voltage CMOS
IOH = -100
µA; VCC = 4.5V
4.2
V
Note:
1. In the erase mode, ICC is 90 mA.
AT49F4096
4-223


Similar Part No. - AT49F4096

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F4096A ATMEL-AT49F4096A Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F4096A-55RC ATMEL-AT49F4096A-55RC Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F4096A-55TC ATMEL-AT49F4096A-55TC Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F4096A-70RC ATMEL-AT49F4096A-70RC Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F4096A-70RI ATMEL-AT49F4096A-70RI Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results

Similar Description - AT49F4096

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49BV4096 ATMEL-AT49BV4096 Datasheet
176Kb / 11P
   4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
Hynix Semiconductor
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz