Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F4096 Datasheet(PDF) 3 Page - ATMEL Corporation

Part No. AT49F4096
Description  4 Megabit 256K x 16 5-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F4096 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49F4096 Datasheet HTML 1Page - ATMEL Corporation AT49F4096 Datasheet HTML 2Page - ATMEL Corporation AT49F4096 Datasheet HTML 3Page - ATMEL Corporation AT49F4096 Datasheet HTML 4Page - ATMEL Corporation AT49F4096 Datasheet HTML 5Page - ATMEL Corporation AT49F4096 Datasheet HTML 6Page - ATMEL Corporation AT49F4096 Datasheet HTML 7Page - ATMEL Corporation AT49F4096 Datasheet HTML 8Page - ATMEL Corporation AT49F4096 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
(continued)
CHIP ERASE: If the boot block lockout has been en-
abled, the Chip Erase function is disabled; sector erases
for the parameter blocks and main memory block will still
operate. After the full chip erase the device will return back
to read mode. Any command during chip erase will be ig-
nored.
SECTOR ERASE: As an alternative to a full chip erase,
the device is organized into three sectors that can be indi-
vidually erased. There are two 8K word parameter block
sections and one sector consisting of the boot block and
the main memory array block. The Sector Erase command
is a six bus cycle operation. The sector address is latched
on the falling WE edge of the sixth cycle while the 30H
data input command is latched at the rising edge of WE.
The sector erase starts after the rising edge of WE of the
sixth cycle. The erase operation is internally controlled; it
will automatically time to completion. When the boot block
programming lockout feature is not enabled, the boot
block and the main memory block will erase together (from
the same sector erase command). Once the boot region
has been protected, only the main memory array sector
will erase when its sector erase command is issued.
WORD PROGRAMMING: Once a memory block is
erased, it is programmed (to a logical “0”) on a word-by-
word basis. Programming is accomplished via the internal
device command register and is a 4 bus cycle operation.
The device will automatically generate the required inter-
nal program pulses.
Any commands written to the chip during the embedded
programming cycle will be ignored. If a hardware reset
happens during programming, the data at the location be-
ing programmed will be corrupted. Please note that a data
“0” cannot be programmed back to a “1”; only erase opera-
tions can convert “0”s to “1”s. Programming is completed
after the specified tBP cycle time. The DATA polling fea-
ture may also be used to indicate the end of a program
cycle.
BOOT BLOCK PROGRAMMING LOCKOUT: The de-
vice has one designated block that has a programming
lockout feature. This feature prevents programming of
data in the designated block once the feature has been
enabled. The size of the block is 8K words. This block,
referred to as the boot block, can contain secure code that
is used to bring up the system. Enabling the lockout fea-
ture will allow the boot code to stay in the device while data
in the rest of the device is updated. This feature does not
have to be activated; the boot block’s usage as a write
protected region is optional to the user. The address range
of the boot block is 00000H to 01FFFH.
Once the feature is enabled, the data in the boot block can
no longer be erased or programmed when input levels of
5.5V or less are used. Data in the main memory block can
Device Operation (Continued)
still be changed through the regular programming method.
To activate the lockout feature, a series of six program
commands to specific addresses with specific data must
be performed. Please refer to the Command Definitions
table.
BOOT BLOCK LOCKOUT DETECTION: A software
method is available to determine if programming of the
boot block section is locked out. When the device is in the
software product identification mode (see Software Prod-
uct Identification Entry and Exit sections) a read from ad-
dress location 00002H will show if programming the boot
block is locked out. If the data on I/O0 is low, the boot
block can be programmed; if the data on I/O0 is high, the
program lockout feature has been enabled and the block
cannot be programmed. The software product identifica-
tion exit code should be used to return to standard opera-
tion.
BOOT BLOCK PROGRAMMING LOCKOUT OVER-
RIDE: The user can override the boot block programming
lockout by taking the RESET pin to 12 volts. By doing this
protected boot block data can be altered through a chip
erase, sector erase or word programming. When the RE-
SET pin is brought back to TTL levels the boot block pro-
gramming lockout feature is again active.
PRODUCT IDENTIFICATION: The product identification
mode identifies the device and manufacturer as Atmel. It
may be accessed by hardware or software operation. The
hardware operation mode can be used by an external pro-
grammer to identify the correct programming algorithm for
the Atmel product.
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49F4096 features DATA polling
to indicate the end of a program cycle. During a program
cycle an attempted read of the last byte loaded will result
in the complement of the loaded data on I/O7. Once the
program cycle has been completed, true data is valid on
all outputs and the next cycle may begin. During a chip or
sector erase operation, an attempt to read the device will
give a “0” on I/O7. Once the program or erase cycle has
completed, true data will be read from the device. DATA
polling may begin at any time during the program cycle.
TOGGLE BIT: In addi ti on t o DATA p o l l i n g t h e
AT49F4096 provides another method for determining the
end of a program or erase cycle. During a program or
erase operation, successive attempts to read data from
the device will result in I/O6 toggling between one and
zero. Once the program cycle has completed, I/O6 will
stop toggling and valid data will be read. Examining the
toggle bit may begin at any time during a program cycle.
AT49F4096
4-221


Similar Part No. - AT49F4096

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F4096A ATMEL-AT49F4096A Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F4096A-55RC ATMEL-AT49F4096A-55RC Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F4096A-55TC ATMEL-AT49F4096A-55TC Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F4096A-70RC ATMEL-AT49F4096A-70RC Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
AT49F4096A-70RI ATMEL-AT49F4096A-70RI Datasheet
243Kb / 15P
   4-Megabit 512K x 8/ 256K x 16 CMOS Flash Memory
More results

Similar Description - AT49F4096

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49BV4096 ATMEL-AT49BV4096 Datasheet
176Kb / 11P
   4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
Hynix Semiconductor
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT49F8192 ATMEL-AT49F8192 Datasheet
241Kb / 11P
   8-Megabit 512K x 16 5-volt Only CMOS Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz