Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS(R)-07-T Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DS(R)-07-T
Description  DS, DP, DA Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DS(R)-07-T Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DS(R)-07-T Datasheet HTML 1Page - List of Unclassifed Manufacturers DS(R)-07-T Datasheet HTML 2Page - List of Unclassifed Manufacturers DS(R)-07-T Datasheet HTML 3Page - List of Unclassifed Manufacturers DS(R)-07-T Datasheet HTML 4Page - List of Unclassifed Manufacturers DS(R)-07-T Datasheet HTML 5Page - List of Unclassifed Manufacturers DS(R)-07-T Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <4>
V1.0
12/02/13
DS, DP, DA Series
Soldering Process
Packing
Keep all switch contacts in their “OFF” position for all operations.
Wave Soldering : Recommended temperature at 500°F (260°C) max. 5 seconds for through hole type
Hand Soldering : Use a soldering iron of 30 watts, controlled at 350°C approximately max 5 seconds.
Make sure switch is in “OFF” position during soldering process, or it will decrease the operating force and meanwhile
increase the contact resistance.
Do not wash the switch body except top tape sealed type, which suitable for spray cleaning method from top of the s/w
Part Number
Number Per
Tube
Part Number
Number Per
Tube
DS(R)-02
72
DS(R)-02-T
70
DS(R) -03
51
DS(R)-03-T
50
DS(R)-04
40
DS(R)-04-T
39
DS(R)-05
32
DS(R)-05-T
32
DS(R)-06
27
DS(R)-06-T
28
DS(R)-07
24
DS(R)-07-T
24
DS(R)-08
21
DS(R)-08-T
21
DS(R)-09
19
DS(R)-09-T
19
DS(R)-10
17
DS(R)-10-T
17
DS(R)-12
14
DS(R)-12-T
14
DP(L)-02
70
DP(L)-02/T
65
DP(L)-03
50
DP(L)-03-T
49
DP(L)-04
39
DP(L)-04-T
39
DP(L)-05
32
DP(L)-05-T
32
DP(L)-06
27
DP(L)-06-T
27
DP(L)-07
24
DP(L)-07-T
24
DP(L)-08
21
DP(L)-08-T
21
DP(L)-09
19
DP(L)-09-T
19
DP(L)-10
17
DP(L)-10-T
17
DP(L)-12
14
DP(L)-12-T
14
DA-02
73
DA-02-T
70
DA-03
52
DA-03-T
50
DA-04
40
DA-04-T
39
DA-05
33
DA-05-T
32
DA-06
28
DA-06-T
28
DA-07
24
DA-07-T
24
DA-08
21
DA-08-T
21
DA-09
19
DA-09-T
19
DA-10
17
DA-10-T
17
DA-12
14
DA-12-T
14


Similar Description - DS(R)-07-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCDS08 ETC2-MCDS08 Datasheet
442Kb / 6P
   DS, DP, DA Series
MCDS12 ETC2-MCDS12 Datasheet
199Kb / 5P
   Switch - DS, DP, DA Series
logo
Adam Technologies, Inc.
MDP008 ADAM-TECH-MDP008 Datasheet
117Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
DP-008 ADAM-TECH-DP-008 Datasheet
154Kb / 1P
   DIN & MINI DIN PLUGS DP, DS, MDP & MDS SERIES
logo
Crydom Inc.,
DP4R60D60B CRYDOM-DP4R60D60B Datasheet
1Mb / 7P
   DP Series
logo
Hamamatsu Corporation
C7247 HAMAMATSU-C7247 Datasheet
43Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
C7246 HAMAMATSU-C7246 Datasheet
46Kb / 4P
   DA-TYPE SOCKET ASSEMBLIES
logo
PHOENIX CONTACT
1686698 PHOENIX-1686698 Datasheet
95Kb / 3P
   WR-DA-PG21
logo
Fujitsu Component Limit...
MB40166 FUJITSU-MB40166 Datasheet
697Kb / 20P
   AD/DA CONVERTER
logo
Microchip Technology
AVR128DA28 MICROCHIP-AVR128DA28 Datasheet
4Mb / 606P
   AVR짰 DA Family
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com