Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-D24 Datasheet(PDF) 41 Page - Omron Electronics LLC

Part # E32-D24
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D24 Datasheet(HTML) 41 Page - Omron Electronics LLC

Back Button E32-D24 Datasheet HTML 37Page - Omron Electronics LLC E32-D24 Datasheet HTML 38Page - Omron Electronics LLC E32-D24 Datasheet HTML 39Page - Omron Electronics LLC E32-D24 Datasheet HTML 40Page - Omron Electronics LLC E32-D24 Datasheet HTML 41Page - Omron Electronics LLC E32-D24 Datasheet HTML 42Page - Omron Electronics LLC E32-D24 Datasheet HTML 43Page - Omron Electronics LLC E32-D24 Datasheet HTML 44Page - Omron Electronics LLC E32-D24 Datasheet HTML 45Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 67 page
background image
41
Standard/Flexible Models
Through-beam Fiber Units Through-beam models consist of two parts: an emitter and a receiver.
Standard
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
35
2,000
15
15
1.25
15
15
12
E39-F9: Included
Stainless-steel tube
1 dia. max.
Heat-shrinkable tube
1 dia.
2 dia.
2 dia. (SUS304)
1.4 dia.
Sensing
surface
E32-T24
E32-T24R
R10
8
8
(aluminum)
Sensing
surface
3
3
4
2.2 dia.
Two, 2.2 dia. mounting holes
with two, 4.4 dia. countersinks on both sides
5.5
7.5
15
15
2,000
2.5
E32-T15Y
E32-T15YR
R25
Note: 1. Set of two symmetrical parts.
2. Mounting screws (countersunk screw M2
× 8 4 pcs) included
Sensing
surface
(aluminum)
2
2
3
1 dia.
E39-F9: Included
7
7
4.5
5
12
12
2.5
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on one side
2,000
E32-T25Y
E32-T25YR
R10
Note: 1. Set of two symmetrical parts.
2. Mounting screws (countersunk screw M2
× 8 4 pcs) included
8
8
(aluminum)
Sensing surface
4
3
3
2.2 dia.
2.5
1.5
7.5
15
15
5.5
2,000
Two, 2.2 dia. mounting holes
with two, 4.4 dia. countersinks on both sides
E32-T15Z
E32-T15ZR
R25
Note: 1. Set of two symmetrical parts.
2. Mounting screws (countersunk screw M2
× 8 4 pcs) included
Sensing surface
(aluminum)
1 dia.
E39-F9: Included
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on one side
7
7
4.5 1
3
2
2
5
2.5
12
12
2,000
E32-T25Z
E32-T25ZR
R10
Note: 1. Set of two symmetrical parts.
2. Mounting screws (countersunk screw M2
× 8 4 pcs) included
Mounting hole dimensions (recommended)
<Screw-mounting Model>
(Unit:mm)
Example: Headsizeof E32-TC200is M4. Openthemountingholes with4to4.5dia.
<Cylindrical Model>
(Unit:mm)
Example: Head size of E32-T22 is 2 dia.. Open the mounting holes with 2.2 to 2.4 dia.
Minimum bending radius
(Unit:mm)
Outer diameter of
fiber unit
M3
M4
M6
M14
F dimensions
3
dia.
4
dia.
6
dia.
14 dia.
Outer diameter of
fiber unit
1 dia.
1.5 dia.
2 dia.
3 dia.
F dimensions
1.2
dia. 1.7
dia. 2.2
dia. 3.2
dia.
Outer diameter of
fiber unit
3.5 dia.
4 dia.
5 dia.
6 dia.
F dimensions
4
dia.
4.5
dia. 5.5
dia. 6.5
dia.
F
+0.5
0
+0.5
0
+0.5
0
+1
0
+0.2
0
+0.2
0
+0.2
0
+0.2
0
+0.5
0
+0.5
0
+0.5
0
+0.5
0
Type
A
Minimum bending
radius
B
unbendable
(except E32-C11N, E32-C31N
and E32-CC200)
10
(E32-C11N, E32-C31N,
E32-CC200R)
40
4
10
10
10
25
10
30
10
35
10
40
10
unbendable
B
Minimum bending radius
A
Sensing
head
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
R4
R10
R25
R30
R35
R40


Similar Part No. - E32-D24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D24 OMRON-E32-D24 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D24 OMRON-E32-D24 Datasheet
17Mb / 68P
   Fiber Sensors Best Selection Catalog
E32-D24 OMRON-E32-D24 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-D24

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
   The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com