Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 64 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 64 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 59Page - Omron Electronics LLC E32-D22 Datasheet HTML 60Page - Omron Electronics LLC E32-D22 Datasheet HTML 61Page - Omron Electronics LLC E32-D22 Datasheet HTML 62Page - Omron Electronics LLC E32-D22 Datasheet HTML 63Page - Omron Electronics LLC E32-D22 Datasheet HTML 64Page - Omron Electronics LLC E32-D22 Datasheet HTML 65Page - Omron Electronics LLC E32-D22 Datasheet HTML 66Page - Omron Electronics LLC E32-D22 Datasheet HTML 67Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
64
E39-F11 Sleeve Bender
• The bending radius of the stainless steel tube should be as
large as possible. The smaller the bending radius becomes,
the shorter the sensing distance will be.
• Insert the tip of the stain-
less steel tube to the
Sleeve Bender and bend
the stainless steel tube
slowly along the curve of
the Sleeve Bender.
Heat-resistant Fiber Units
(E32-D51 and E32-T51)
• The fibers of these Units cannot be extended using the E39-
F10 Fiber Connector.
• The maximum allowable temperature for continuous opera-
tion with these Units is 130
°C. It is 150°C for short-term use.
E32-T14 and E32-G14
These Units may enter the light-ON
state if there are reflecting objects at
the ends of the lenses. In this case,
attach the black stickers provided to
the ends of the lenses.
Wafer Sensors (E32-L25(A))
• To ensure correct performance, insert the fiber with a white
line into the emitter-side port of the Amplifier Unit.
E32-T16 and E32-T16P
To use the slit provided, peel off the
backing sheet, align it with the edg-
es of the sensing surface, and at-
tach it to the sensing head. Use the
slit in applications where saturation
occurs (i.e., changes in light inten-
sity cannot be obtained) due to
short sensing distances.
E32-M21
Separate the 4 fibers by distances sufficient to prevent inter-
ference.
Vacuum-resistant Fiber Units (E32-V)
Although Flanges, Fiber Units on the vacuum side, and Lens
Units have been cleaned, as an extra precaution, clean these
products with alcohol before use in high-vacuum environ-
ments to ensure that they are properly degreased.
Liquid-level Detection Sensors (E32-D82F)
• Secure the Fiber Unit using the unbendable section. Other-
wise, the liquid-level detection position may be displaced.
• For applications in hazardous environments, install the Fi-
ber Unit in the hazardous environment but install the Ampli-
fier Unit in a safe environment.
Liquid-level Detection Sensors: Tube-mounting Models
• Ensure that the tube is not deformed when using a band to
secure the Fiber Unit.
• Drops of water, bubbles, or haze inside the tube may cause
malfunctions.
E32-A07E1(E2)
There is a difference in sensing
object angle between E32-A07E1
and E32-A07E2. Select a model in
accordance with the bending
direction of a sensing object. Use
the fiber with a model display tube
as light emitting side.
● Adjustment
E32-G14
When a Digital Fiber Amplifier is used, the sensing distance is
short, making the incident light intensity large. This makes it
impossible to teach without a workpiece.
Liquid-level (E32-D82F) Detection Position
The liquid-level detection po-
sition is at a distance of
5.2
±2 mm from the end of the
fluororesin section.
(Refer to the diagram on the
right.)
The liquid-level detection po-
sition varies with the surface
tension of the liquid and the degree of wetness at the Fiber
Unit's detection position.
● Other Considerations
Liquid Level (E32-D82F)
• Operation may become unstable in the following cases:
A Bubbles stick to the cone of the sensing head.
B Solute is deposited on the cone of the sensing head.
C The liquid has a high viscosity.
• There are some liquids, such as milky white liquids, for
which detection is not possible.
• Do not let the end of the fluororesin section bump into an-
other object. Damage to, or deformation of, the sensing
head may result in unstable operation.
Heat-resistant Fiber Units (E32-D81R(-S), E32-D61(-S), and
E32-D73(-S))
The pitch of the emission-side and reception-side fiber-inser-
tion ports varies with the Amplifier Unit. Be sure to use an ap-
propriate Fiber Unit.
Chemical-resistant Fiber and Liquid Level (E32-D82F)
Fluororesin has high chemical resistance. However, applications in
the atmosphere of vaporized chemicals (gases) or steam may cause
malfunction or damage inside sensors. Run a full check before using
in such environments.
1.2 mm dia. max.
R12.5 mm
R7.5 mm
1.3 mm dia. min.
R10 mm
Fiber tip
position
mark
Stainless
steel tube
R5 mm
90
° max.
10 mm
10 mm
Do not bend here.
Stickers
Slit provided
E32-T16's sensing head
Example
Amplifier Unit
Fiber Unit
E3X-DA
@-S
E3X-MDA
@
E32-D
@-S
E3X-DA
@-N
E3X-NA
@
E32-D
@
View from the cable drawing side
Sensing object
Emission
Emission
Reception
Reception
E32-A07E2
E32-A07E1
Liquid-level detection
position
5.2
±2 mm (from the end of the
fluororesin section)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn