Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 55 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 55 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 51Page - Omron Electronics LLC E32-D22 Datasheet HTML 52Page - Omron Electronics LLC E32-D22 Datasheet HTML 53Page - Omron Electronics LLC E32-D22 Datasheet HTML 54Page - Omron Electronics LLC E32-D22 Datasheet HTML 55Page - Omron Electronics LLC E32-D22 Datasheet HTML 56Page - Omron Electronics LLC E32-D22 Datasheet HTML 57Page - Omron Electronics LLC E32-D22 Datasheet HTML 58Page - Omron Electronics LLC E32-D22 Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
55
Convergent-reflective Models
Special-beam Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
A
Two, 4 dia.
Sensing surface
Two, 3.2 dia. mounting holes with
two, 6 dia. countersinks on one side
5.5
5.5
25(B)
33.5
33.5
27
22.5
19
7
5 (max.)
2,000
4 dia.
8.9 18
18
*
(SUS304)
Two, 2.8 dia. flexible tubes (SUS304)
E32-L86 R25
Note: The maximum allowable temperatures
for sections A and B are 200
°C and
110
°C, respectively. The section inserted
into the Amplifier Unit (indicated by *),
however, must stay within the Amplifier
Unit's operating temperature range.
Two, 4 dia.
(SUS304)
Two, 2.9 dia. flexible tubes
(stainless steel)
6.5±0.1
2-M3
10.7
14
6.5
5
8.9
2.2 dia.
4 dia.
Mounting holes
18
18
18
A
25
25
2,000
30(B)
Sensing surface
Mounting holes Two, 3.4 dia.
Two, 6.3 dia. countersinks
E32-L64 R25
Note: The maximum allowable temperatures are 300
°C for
section A and 110
°C for section B (section inserted into
the Amplifier Unit).
E32-A10 R25
(ABS)
Mounting holes Two, 3.2 dia.
Two, 6.2 dia. countersinks
Model display tube: 3.3 dia.
7±0.1
2-M3
4
8.4
4
6
7
2
6
3.5
Mounting holes
16.5
16.5
8
(45)
Two, 2.2 dia.
2,000
21
21
Sensing surface
Mounting hole dimensions (recommended)
<Screw-mounting Model>
(Unit:mm)
Example: Head size of E32-TC200 is M4. Open the mounting holes with 4 to 4.5 dia.
<Cylindrical Model>
(Unit:mm)
Example: Head size of E32-T22 is 2 dia.. Open the mounting holes with 2.2 to 2.4 dia.
Minimum bending radius
(Unit:mm)
Outer diameter of
fiber unit
M3
M4
M6
M14
F dimensions
3
dia.
4
dia.
6
dia.
14 dia.
Outer diameter of
fiber unit
1 dia.
1.5 dia.
2 dia.
3 dia.
F dimensions
1.2
dia. 1.7
dia. 2.2
dia. 3.2
dia.
Outer diameter of
fiber unit
3.5 dia.
4 dia.
5 dia.
6 dia.
F dimensions
4
dia.
4.5
dia. 5.5
dia. 6.5
dia.
F
+0.5
0
+0.5
0
+0.5
0
+1
0
+0.2
0
+0.2
0
+0.2
0
+0.2
0
+0.5
0
+0.5
0
+0.5
0
+0.5
0
Type
A
Minimum bending
radius
B
unbendable
(except E32-C11N, E32-C31N
and E32-CC200)
10
(E32-C11N, E32-C31N,
E32-CC200R)
40
4
10
10
10
25
10
30
10
35
10
40
10
unbendable
B
Minimum bending radius
A
Sensing
head
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
R4
R10
R25
R30
R35
R40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn