Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 48 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 48 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 44Page - Omron Electronics LLC E32-D22 Datasheet HTML 45Page - Omron Electronics LLC E32-D22 Datasheet HTML 46Page - Omron Electronics LLC E32-D22 Datasheet HTML 47Page - Omron Electronics LLC E32-D22 Datasheet HTML 48Page - Omron Electronics LLC E32-D22 Datasheet HTML 49Page - Omron Electronics LLC E32-D22 Datasheet HTML 50Page - Omron Electronics LLC E32-D22 Datasheet HTML 51Page - Omron Electronics LLC E32-D22 Datasheet HTML 52Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
48
Standard/Flexible Models
Fiber Units with Reflective Sensors
Standard Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
M6 nuts (brass/nickel plating)
Washer (nickel -plated iron) included (2 of each)
4.7
11
15.7
15.7
8
2,000
(45)
12 dia.
12 dia.
Sensing surface:
Two, 1 dia.
Model display tube
Two, 2.2 dia.
M6×0.75
M6×0.75 (brass/nickel plating)
E32-D11N
4 dia.
3
17
17
2,000
Width 10, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Two, 2.2 dia.
Sensing surface:
Two, 1 dia.
M6×0.75
M6×0.75 (ADC)
4.8
E32-DC200
E32-D11R
R25
Width 7, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Two, 1 dia.
3
15
15
2,000
E39-F9: Included
M4×0.7
M4×0.7 (SUS303)
Sensing surface
Two, 0.5 dia.
3.2
E32-D211
E32-D211R
R10
11
11
2,000
E39-F9: Included
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
Two, 1 dia.
M3×0.5
M3×0.5 (SUS304)
Sensing surface
Two, 0.5 dia.
2.5
2.5
E32-DC200E
E32-D21R
R10
Sensing surface
Two, 1 dia.
2,000
135
Heat-shrinkable tube
Two, 2.2 dia.
15
15
3 dia.
3 dia. (SUS304)
E32-D12
E32-D12R
R25
3
15
15
2,000
2.7 dia.
Two, 1 dia.
E39-F9: Included
Sensing surface
Two, 0.5 dia.
3 dia.
3 dia. (brass/nickel plating)
E32-D22
E32-D22R
R10
Sensing surface:
Two, 1 dia.
10
10
3
2.5
7.5
2.5
2,000
15
15
7.5
Two, 2.2 dia.
Two, 2.2 dia. mounting holes
with two, 4.4 dia. countersinks
on both sides
(aluminum)
E32-D15X
E32-D15XR
R25
Note: Mounting screws (countersunk
screw M2
× 8 2 pcs) included
Two, 1 dia.
Sensing surface
2-0.5 dia.
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks
on one side
5.5
1.5
8
5
2.5
12
12
2
(aluminum)
E39-F9: Included
2,000
E32-D25X
E32-D25XR
R10
Note: Mounting screws (countersunk
screw M2
× 8 2 pcs) included
Width 10,
thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Stainless-steel tube
2.5 dia. max.
(SUS304)
Two, 2.2 dia.
2,000
17
17
90
90
(40
40)*
* ( ):E32-DC200B4/E32-DC200B4R
Sensing surface:
Two, 1 dia.
M6×0.75
M6×0.75 (brass/nickel plating)
(fine thread)
5.2
5.2
E32-DC200B
E32-DC200B4
E32-DC200BR
E32-DC200B4B
R25
R25
2.5
2.5
Sensing surface
Two, 0.5 dia.
11
11
2,000
E39-F9: Included
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
Stainless-steel tube
1.2 dia. max. (SUS304)
Two, 1 dia.
90
90
(40
40)*
* ( ):E32-DC200F4/E32-DC200F4R
M3×0.5
M3×0.5 (SUS304)
E32-DC200F
E32-DC200F4
E32-DC200FR
E32-DC200F4R
R10
R10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn