Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 47 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 47 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 43Page - Omron Electronics LLC E32-D22 Datasheet HTML 44Page - Omron Electronics LLC E32-D22 Datasheet HTML 45Page - Omron Electronics LLC E32-D22 Datasheet HTML 46Page - Omron Electronics LLC E32-D22 Datasheet HTML 47Page - Omron Electronics LLC E32-D22 Datasheet HTML 48Page - Omron Electronics LLC E32-D22 Datasheet HTML 49Page - Omron Electronics LLC E32-D22 Datasheet HTML 50Page - Omron Electronics LLC E32-D22 Datasheet HTML 51Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
47
Vacuum-resistant Models
Environment-resistant Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
E32-T51V R30
3
M2.6×0.45
4 dia.
3 dia.
4 dia.
Connected to flange
(vacuum side)
2.2 dia.
20
20
(30)
1,000
26
M4×0.7
M4×0.7
(Aluminum)
Sensing surface
1.15 dia.
Width 8 (SUS304)
Washer (SUS304)
18
18
4.5
3
12
12
M2.6×0.45
Sensing surface: 1.15 dia.
4
4
4
4
4 dia.
4 dia.
Connected to flange
(vacuum side)
3 dia.
2.2 dia.
5 dia.
R9
(3)
8
1,000
26
15
15
3 dia.
3 dia. (SUS304)
E32-T54V R30
Sensing surface: 2 dia.
12
R5
3 dia.
3.5 dia.
90°
Flexible tube:
(stainless steel) 2.9 dia.
4 dia.
4 dia.
4 dia.
2.2 dia.
Connected to flange
(vacuum side)
30 max.
30 max.
12
12
1,000
26
6
14.2
14.2
3 dia.
3 dia.
(SUS304)
E32-T84SV R25
8.9
0.5 dia.
hole
6
M2.6×0.45
Effective depth: 3.8
Spot-facing depth: 0.9
4 dia.
E39-F1V
Material:
Aluminum for body and optical glass for the lens itself.
36 dia.
49
70 dia.
44 dia.
45°
90 dia.
80
80
Four,
10 dia.
24
Flange
V40 O-ring
Flange
8
E32-VF4
Note 1. Perform mounting so that the V40 O-ring is on the at-
mospheric-pressure side of the vacuum chamber wall.
2. Mounting-hole cutout dimensions: 38 dia.
±0.5 mm
(96)
(63)
10
(23)
22
5
19
6 (33.53)
30
20 dia.
22
One nut
M14×2
Two, connectors
One spring washer
V15 O-ring
E32-VF1
Note 1. Perform mounting so that the V15 O-ring is on the atmospheric-pres-
sure side of the vacuum chamber wall.
2. Mounting-hole cutout dimensions: 14.5 dia.
±0.2 mm
2.2 dia.
2,000
E32-T10V-2M R25
Material: Stainless steel (SUS304)
E39-L54V
0.5
4
4.5
8
23
15
4.1
4.1
Mounting hole dimensions (recommended)
<Screw-mounting Model>
(Unit:mm)
Example: Head size of E32-TC200 is M4. Open the mounting holes with 4 to 4.5 dia.
<Cylindrical Model>
(Unit:mm)
Example: Head size of E32-T22 is 2 dia.. Open the mounting holes with 2.2 to 2.4 dia.
Minimum bending radius
(Unit:mm)
Outer diameter of
fiber unit
M3
M4
M6
M14
F dimensions
3
dia.
4
dia.
6
dia.
14 dia.
Outer diameter of
fiber unit
1 dia.
1.5 dia.
2 dia.
3 dia.
F dimensions
1.2
dia. 1.7
dia. 2.2
dia. 3.2
dia.
Outer diameter of
fiber unit
3.5 dia.
4 dia.
5 dia.
6 dia.
F dimensions
4
dia.
4.5
dia. 5.5
dia. 6.5
dia.
F
+0.5
0
+0.5
0
+0.5
0
+1
0
+0.2
0
+0.2
0
+0.2
0
+0.2
0
+0.5
0
+0.5
0
+0.5
0
+0.5
0
Type
A
Minimum bending
radius
B
unbendable
(except E32-C11N, E32-C31N
and E32-CC200)
10
(E32-C11N, E32-C31N,
E32-CC200R)
40
4
10
10
10
25
10
30
10
35
10
40
10
unbendable
B
Minimum bending radius
A
Sensing
head
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
R4
R10
R25
R30
R35
R40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn