Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 43 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 39Page - Omron Electronics LLC E32-D22 Datasheet HTML 40Page - Omron Electronics LLC E32-D22 Datasheet HTML 41Page - Omron Electronics LLC E32-D22 Datasheet HTML 42Page - Omron Electronics LLC E32-D22 Datasheet HTML 43Page - Omron Electronics LLC E32-D22 Datasheet HTML 44Page - Omron Electronics LLC E32-D22 Datasheet HTML 45Page - Omron Electronics LLC E32-D22 Datasheet HTML 46Page - Omron Electronics LLC E32-D22 Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
43
Long-distance/High-power Models
Through-beam Fiber Units Through-beam models consist of two parts: an emitter and a receiver.
Special-beam Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
Sensing surface
lens diameter:
10 dia. (PMMA)
Width 19, thickness 5 (aluminum)
2.2 dia.
23
23
42
10,000
M14×1
M14×1 (ABS)
E32-T17L R25
10±0.2
9.2
7
8
2.5
10.5
10.5
R3.5
Two, 3.2 dia. mounting holes
Heat-resistant ABS
Sensing surface
Lens (PMMA)
4.4 dia.
Nitrile rubber
8.2
16
25.2
25.2
11.2
2,000
2.2 dia.
8
E32-T14 R25
M2.6×0.45
Width 7, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
2.2 dia.
3
11
2,000
M4×0.7
M4×0.7 (brass/nickel plating)
14
14
Sensing surface:
1.4 dia.
3.2
E32-T11L R25
E32-T12L R25
3
2.4 dia.
2.2 dia.
11
2,000
3 dia.
3 dia. (brass/nickel plating)
Sensing surface: 1.4 dia.
14
14
E32-T21L R10
11
11
(1.7)
2,000
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
1 dia.
M3×0.5
M3×0.5 (brass/nickel plating)
Sensing surface
0.9 dia.
E39-F9: Included
2.5
E32-T22L R10
(2)
Sensing surface
0.9 dia.
1.8 dia.
17
22
22
2,000
12
1 dia.
Heat-shrinkable tube
2 dia.
2 dia. (SUS304)
E39-F9: Included
Mounting hole dimensions (recommended)
<Screw-mounting Model>
(Unit:mm)
Example: Head size of E32-TC200 is M4. Open the mounting holes with 4 to 4.5 dia.
<Cylindrical Model>
(Unit:mm)
Example: Head size of E32-T22 is 2 dia.. Open the mounting holes with 2.2 to 2.4 dia.
Minimum bending radius
(Unit:mm)
Outer diameter of
fiber unit
M3
M4
M6
M14
F dimensions
3
dia.
4
dia.
6
dia.
14 dia.
Outer diameter of
fiber unit
1 dia.
1.5 dia.
2 dia.
3 dia.
F dimensions
1.2
dia. 1.7
dia. 2.2
dia. 3.2
dia.
Outer diameter of
fiber unit
3.5 dia.
4 dia.
5 dia.
6 dia.
F dimensions
4
dia.
4.5
dia. 5.5
dia. 6.5
dia.
F
+0.5
0
+0.5
0
+0.5
0
+1
0
+0.2
0
+0.2
0
+0.2
0
+0.2
0
+0.5
0
+0.5
0
+0.5
0
+0.5
0
Type
A
Minimum bending
radius
B
unbendable
(except E32-C11N, E32-C31N
and E32-CC200)
10
(E32-C11N, E32-C31N,
E32-CC200R)
40
4
10
10
10
25
10
30
10
35
10
40
10
unbendable
B
Minimum bending radius
A
Sensing
head
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
R4
R10
R25
R30
R35
R40


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn