Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 42 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 38Page - Omron Electronics LLC E32-D22 Datasheet HTML 39Page - Omron Electronics LLC E32-D22 Datasheet HTML 40Page - Omron Electronics LLC E32-D22 Datasheet HTML 41Page - Omron Electronics LLC E32-D22 Datasheet HTML 42Page - Omron Electronics LLC E32-D22 Datasheet HTML 43Page - Omron Electronics LLC E32-D22 Datasheet HTML 44Page - Omron Electronics LLC E32-D22 Datasheet HTML 45Page - Omron Electronics LLC E32-D22 Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
42
Break-resistant/Coated Models
Standard Models
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
15
14
14
2,000
2.2 dia.
Width 7, thickness 2.4 (nickel-plated brass)
Washer (nickel-plated iron)
Protective tube
3.3
M2.6×0.45
Sensing surface: 1 dia.
M4×0.7
M4×0.7
(brass/nickel plating)
3.2
E32-T11
E32-T11U
Protective tube
1 dia.
2,000
11
11
15
Sensing surface: 0.5 dia.
M3×0.5
M3×0.5
(brass/nickel plating)
E39-F9: Included
Width 5.5, thickness 1.8 (nickel-plated brass)
Washer (nickel-plated brass)
2.5
E32-T21
E32-T12B
3
2.4 dia.
2.2 dia.
11
14
14
2,000
Sensing surface: 1 dia.
3 dia.
3 dia. (brass/nickel plating)
E32-T221B
2 dia.
2 dia. (SUS303)
17
22
22
2,000
12
1 dia.
1.4 dia.
Heat-shrinkable tube
Sensing surface: 0.5 dia.
E39-F9: Included
E32-T22B
10
10
2,000
1 dia.
1.5 dia.
1.5 dia. (brass/nickel plating)
Sensing surface:
0.5 dia.
E39-F9: Included
2.2 dia.
8
3
5.5
1.5
15
15
7.5
Two, 2.2 dia. mounting holes
with two, 4.4 dia. countersinks on both sides
2.5
(aluminum)
Sensing surface:
1 dia.
2,000
E32-T15XB
Note: 1. Set of two symmetrical parts.
2. Mounting screws (countersunk screw M2
× 8 4 pcs) included
1 dia.
(aluminum)
12
12
2
7
4.5
1
Sensing surface:
0.5 dia.
E39-F9: Included
2,000
Two, 2.2 dia. mounting holes with
two, 4.4 dia. countersinks on one side
5
2.5
E32-T25XB
Note: 1. Set of two symmetrical parts.
2. Mounting screws (countersunk screw M2
× 8 4 pcs) included


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn