Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 4 Page - Omron Electronics LLC

  E32-D22 Datasheet HTML 1Page - Omron Electronics LLC E32-D22 Datasheet HTML 2Page - Omron Electronics LLC E32-D22 Datasheet HTML 3Page - Omron Electronics LLC E32-D22 Datasheet HTML 4Page - Omron Electronics LLC E32-D22 Datasheet HTML 5Page - Omron Electronics LLC E32-D22 Datasheet HTML 6Page - Omron Electronics LLC E32-D22 Datasheet HTML 7Page - Omron Electronics LLC E32-D22 Datasheet HTML 8Page - Omron Electronics LLC E32-D22 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
4
Selection Guide
Fiber Units
Amplifier Units
Detection
conditions
Environmental
conditions
■ High-temperature environ-
ments (up to 400ºC)
■ Environments subject to scat-
tering of chemicals and oil
■ Vacuum environments
■ Workpiece presence
■ Positioning
■ Level differences and marks
Standard Models
P.6
Environment-resistive Models
P.14
■ Long-distance sensing, resistance to
dust and dirt
■ Small beam, resistance to rattling
■ Detection of transparent objects
Special-beam Models
P.10
■ Labels
■ Liquid level
■ Alignment and mapping of glass sub-
strates
■ Wafer mapping
Application-corresponding Models
P.16
Type
Digital
Manual
Appearance
Response
time
48 µs, 1 ms, or 4 ms
(2-output models: 80 µs, 1 ms, or 4 ms)
100
μs, 1 ms, or 4 ms
200 µs
(high-speed models: 20 µs)
Light source Red, green, blue, or infrared LED
Red or green LED
Function
Dual display (including digital, bar, percent, and hold display functions)
Threshold adjustment performed manually or by teaching
OFF-delay, ON-delay, one-shot timer (adjustable from 1 ms to 5 s)
LED bar display (5 levels)
8-turn sensitivity adjuster
OFF delay timer (fixed at 40 ms)
Advanced-function models are
available (2-output/input models).
Water-resistant models are available.
Models
E3X-DA
@-S
E3X-DA
@TW-S (2-output model)
E3X-DA
@RM-S (input model)
E3X-MDA
@
E3X-NA
@
E3X-NA
@F (high-speed model)
E3X-NA
@V (water-resistant model)
Fiber Units
Amplifier Units
Standard environments
Special environments
Standard
detection
Workpiece
presence
Positioning
Level
differences
Marks
Workpiece
presence
Positioning
Level
difference
Special-
beam
High power
Small spot
Area sensing Retroreflective
sensing
Application-
corresponding
Labels
Liquid level
Alignment
Mapping
2-channel
models
We have developed
model variations for
handling a broad
range of applications.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn