Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 37 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 33Page - Omron Electronics LLC E32-D22 Datasheet HTML 34Page - Omron Electronics LLC E32-D22 Datasheet HTML 35Page - Omron Electronics LLC E32-D22 Datasheet HTML 36Page - Omron Electronics LLC E32-D22 Datasheet HTML 37Page - Omron Electronics LLC E32-D22 Datasheet HTML 38Page - Omron Electronics LLC E32-D22 Datasheet HTML 39Page - Omron Electronics LLC E32-D22 Datasheet HTML 40Page - Omron Electronics LLC E32-D22 Datasheet HTML 41Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 67 page
background image
37
Ratings/Characteristics
Models
Ambient operating
temperature range
Ambient hu-
midity range
Fiber core material
(sheath material)
Permissible bend-
ing radius
Tightening
force (N·m)
Pulling
force (N)
IEC standard de-
gree of protection
E32-D11
−40 to +70°C
35% to 85%
Plastic (PVC coating)
R4
0.98
29.4 IP67
E32-D11N
Plastic (PVC coating)
R1
0.98
29.4 IP67
E32-D11R
Plastic (PVC coating)
R1
0.98
29.4 IP67
E32-D11U
Plastic (fluororesin coating)
R4
0.98
29.4 IP67
E32-D12
Plastic (polyethylene coating)
R25
0.29
29.4 IP67
E32-D12R
Plastic (PVC coating)
R1
0.29
29.4 IP67
E32-D14L
Plastic (polyethylene coating)
R25
0.98
29.4 IP67
E32-D14LR
Plastic (PVC coating)
R1
0.98
29.4 IP67
E32-D15X
Plastic (polyethylene coating)
R25
0.15
29.4 IP67
E32-D15XB
Plastic (PVC coating)
R4
0.15
29.4 IP67
E32-D15XR
Plastic (PVC coating)
R1
0.15
29.4 IP67
E32-D15Y
Plastic (polyethylene coating)
R25
0.15
29.4 IP40
E32-D15YR
Plastic (PVC coating)
R1
0.15
29.4 IP40
E32-D15Z
Plastic (polyethylene coating)
R25
0.15
29.4 IP40
E32-D15ZR
Plastic (PVC coating)
R1
0.15
29.4 IP40
E32-D21
Plastic (PVC coating)
R4
0.78
9.8 IP67
E32-D211
Plastic (polyethylene coating)
R10
0.78
9.8 IP67
E32-D211R
Plastic (polyethylene coating)
R1
0.78
9.8 IP67
E32-D21B
Plastic (PVC coating)
R4
0.78
9.8 IP67
E32-D21R
Plastic (polyethylene coating)
R1
0.78
9.8 IP67
E32-D22
Plastic (polyethylene coating)
R10
0.29
9.8 IP67
E32-D221B
Plastic (PVC coating)
R4
0.29
9.8 IP67
E32-D22B
Plastic (PVC coating)
R4
0.20
9.8 IP67
E32-D22R
Plastic (polyethylene coating)
R1
0.29
9.8 IP67
E32-D24
Plastic (polyethylene coating)
R10
0.29
9.8 IP67
E32-D24R
Plastic (polyethylene coating)
R1
0.29
9.8 IP67
E32-D25X
Plastic (polyethylene coating)
R10
0.15
9.8 IP67
E32-D25XB
Plastic (PVC coating)
R4
0.15
9.8 IP67
E32-D25XR
Plastic (polyethylene coating)
R1
0.15
9.8 IP67
E32-D25Y
Plastic (polyethylene coating)
R10
0.15
9.8 IP40
E32-D25YR
Plastic (polyethylene coating)
R1
0.15
9.8 IP40
E32-D25Z
Plastic (polyethylene coating)
R10
0.15
9.8 IP40
E32-D25ZR
Plastic (polyethylene coating)
R1
0.15
9.8 IP40
E32-DC200
Plastic (polyethylene coating)
R25
0.98
29.4 IP67
E32-DC200B(B4)
Plastic (polyethylene coating)
R25
0.98
29.4 IP67
E32-DC200BR(B4R)
Plastic (PVC coating)
R1
0.98
29.4 IP67
E32-DC200E
Plastic (polyethylene coating)
R10
0.78
9.8 IP67
E32-DC200F(F4)
Plastic (polyethylene coating)
R10
0.78
9.8 IP67
E32-DC200FR(F4R)
Plastic (polyethylene coating)
R1
0.78
9.8 IP67
E32-T11
Plastic (PVC coating)
R4
0.78
29.4 IP67
E32-T11N
Plastic (PVC coating)
R1
0.78
29.4 IP67
E32-T11R
Plastic (PVC coating)
R1
0.78
29.4 IP67
E32-T11U
Plastic (fluororesin coating)
R4
0.78
29.4 IP67
E32-T12
Plastic (polyethylene coating)
R25
0.29
29.4 IP67
E32-T12B
Plastic (PVC coating)
R4
0.29
29.4 IP67
E32-T12R
Plastic (PVC coating)
R1
0.29
29.4 IP67
E32-T14L
Plastic (polyethylene coating)
R25
0.29
29.4 IP67
E32-T14LR
Plastic (PVC coating)
R1
0.29
29.4 IP67
E32-T15X
Plastic (polyethylene coating)
R25
0.15
29.4 IP67
E32-T15XB
Plastic (PVC coating)
R4
0.15
29.4 IP67
E32-T15XR
Plastic (PVC coating)
R1
0.15
29.4 IP67
E32-T15Y
Plastic (polyethylene coating)
R25
0.15
29.4 IP40
E32-T15YR
Plastic (PVC coating)
R1
0.15
29.4 IP40
E32-T15Z
Plastic (polyethylene coating)
R25
0.15
29.4 IP40
E32-T15ZR
Plastic (PVC coating)
R1
0.15
29.4 IP40
E32-T21
Plastic (PVC coating)
R4
0.78
9.8 IP67
E32-T21R
Plastic (polyethylene coating)
R1
0.78
29.4 IP67
E32-T22
Plastic (polyethylene coating)
R10
0.29
9.8 IP67
E32-T221B
Plastic (PVC coating)
R4
0.29
9.8 IP67
E32-T222
Plastic (polyethylene coating)
R10
0.20
9.8 IP67
E32-T222R
Plastic (polyethylene coating)
R1
0.20
9.8 IP67
E32-T22B
Plastic (PVC coating)
R4
0.20
9.8 IP67
E32-T22R
Plastic (polyethylene coating)
R1
0.29
9.8 IP67
Standard models


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn