Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 31Page - Omron Electronics LLC E32-D22 Datasheet HTML 32Page - Omron Electronics LLC E32-D22 Datasheet HTML 33Page - Omron Electronics LLC E32-D22 Datasheet HTML 34Page - Omron Electronics LLC E32-D22 Datasheet HTML 35Page - Omron Electronics LLC E32-D22 Datasheet HTML 36Page - Omron Electronics LLC E32-D22 Datasheet HTML 37Page - Omron Electronics LLC E32-D22 Datasheet HTML 38Page - Omron Electronics LLC E32-D22 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 67 page
background image
35
Lens Units
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2. The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
Type
Appearance
Dimen-
sions
page
Applicable
Fiber Units
Sensing distance (mm)
Standard
object (min.
sensing
object) (mm)
*1
Features
Model
number
High-
resolution
mode
Standard
mode
High-
speed
mode
Super-
high-
speed
mode
60
E32-T11L
4,000*2
3,200
2,100
840
4 dia.
(0.1 dia.)
Long-dis-
tance
sensing;
opening
angle: 5
° to
40
° (heat
resistant
up to
200
°C)
E39-F1
E32-TC200
4,000*2
4,000*2
2,600
1,500
E32-T11R
4,000*2
3,700
2,400
970
E32-T11
4,000*2
3,600
2,300
930
E32-T11U
4,000*2
3,600
2,300
930
E32-T81R-S
2,650
2,100
1,300
520
E32-T61-S
4,000*2
3,400
2,200
900
60
E32-T11L
910
800
500
180
3 dia.
(0.1 dia.)
Side-view,
space-sav-
ing (heat
resistant
up to
200
°C)
E39-F2
E32-TC200
840
700
450
160
E32-T11R
520
400
250
100
E32-T11
820
660
430
160
E32-T11U
820
660
430
160
E32-T81R-S
360
280
180
70
E32-T61-S
600
450
300
120
60
E32-T11L
E32-TC200
E32-T11R
E32-T11
E32-T11U
E32-T81R-S
E32-T61-S
---
---
Long dis-
tance re-
flection
(heat resis-
tant up to
200
°C)
E39-F3
60
E32-C42
Spot diameter variable in the range 0.1 to 0.6 mm at dis-
tances in the range 6 to 15 mm
Small spot
(variable)
E39-F3A
E32-D32
Spot diameter variable in the range 0.5 to 1 mm at dis-
tances in the range 6 to 15 mm
60
E32-C41
0.1-dia. spot at a distance of 7 mm
Small spot
E39-F3A-5
E32-C31
0.5-dia. spot at a distance of 7 mm
60
E32-C41
0.2-dia. spot at a distance of 17 mm
Long dis-
tance,
small spot
E39-F3B
E32-C31
0.5-dia. spot at a distance of 17 mm
60
E32-C31
E32-C41
Spot diameter of 4 mm max. at distances in the range 0 to
20 mm
Long-dis-
tance
sensing,
parallel
light
E39-F3C
Accessories
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn