Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 33 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 33 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 29Page - Omron Electronics LLC E32-D22 Datasheet HTML 30Page - Omron Electronics LLC E32-D22 Datasheet HTML 31Page - Omron Electronics LLC E32-D22 Datasheet HTML 32Page - Omron Electronics LLC E32-D22 Datasheet HTML 33Page - Omron Electronics LLC E32-D22 Datasheet HTML 34Page - Omron Electronics LLC E32-D22 Datasheet HTML 35Page - Omron Electronics LLC E32-D22 Datasheet HTML 36Page - Omron Electronics LLC E32-D22 Datasheet HTML 37Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
33
Ordering Information
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2.
Indicates models that allow free cutting.
*3. The maximum temperature that can be withstood varies with the location. Refer to dimensions diagrams for details.
*4. These values are based on the assumption that there are no repeated sudden changes in temperature.
*5. The characteristics for sensing object incline are different between the Attachments with model numbers ending in "E1" and "E2."
Refer to page 52 for installation precautions.
Type
Appearance (mm) *2
Dimen-
sions
page
Sensing distance (mm)
Standard object
(min. sensing
object) (mm)*1
Min. bend-
ing radius
(mm)
Features
Model num-
ber
57
4 dia. (0.1 dia.)
R25
Slot sensor (no
adjustment of op-
tical axis required)
E32-G14
43
Screw mounting,
side-view
E32-T14
57
Applicable tube: Transparent tube with a diameter
in the range 8 to 10 mm and a recommended wall
thickness of 1 mm
R10
Compact
E32-L25T
57
Applicable tube: Transparent tube (no restriction on
diameter)
R4
No restriction on
tube diameter, re-
sistant to bubbles
and drops of water
E32-D36T
58
Applicable tube: Transparent tube with a diameter
of 3.2, 6.4, or 9.5 mm and a recommended wall
thickness of 1 mm
Light ON when fluid
is present, resistant
to bubbles and
drops of water
E32-A01
58
Applicable tube: Transparent tube with a diameter
in the range 6 to 13 mm and a recommended wall
thickness of 1 mm
Light ON when fluid
is not present, re-
sistant to bubbles
and drops of water
E32-A02
58
Liquid-contact models
R40
Heat resistant up
to 200
°C,
fluororesin cover
E32-D82F1
E32-D82F2
54
Soda glass
with reflection
factor of 7%
R25
Variation of detec-
tion position within
the detection
range: 0.1 mm
E32-L16-N
58
E32-A08
58
E32-A07E1
*5
E32-A07E2
*5
58
Heat resistant up
to 300
°C *3, *4
E32-L66
54
Heat resistant up
to 300
°C
E32-A08H2
Application-corresponding Fiber Units
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
10
10
10 (10)
4,500
3,400
2,250 (900)
0 to 15
0 to 15
0 to 15 (0 to 12)
10 to 20
10 to 20
10 to 20 (-)
15 to 25
15 to 25
10 to 20 (-)
5 to 18
5 to 18
5 to 16 (-)
10 to 20
10 to 20
10 to 20


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn