Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 27Page - Omron Electronics LLC E32-D22 Datasheet HTML 28Page - Omron Electronics LLC E32-D22 Datasheet HTML 29Page - Omron Electronics LLC E32-D22 Datasheet HTML 30Page - Omron Electronics LLC E32-D22 Datasheet HTML 31Page - Omron Electronics LLC E32-D22 Datasheet HTML 32Page - Omron Electronics LLC E32-D22 Datasheet HTML 33Page - Omron Electronics LLC E32-D22 Datasheet HTML 34Page - Omron Electronics LLC E32-D22 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 67 page
background image
31
*1. The sensing distances are for white paper.
*2. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*3.
Indicates models that allow free cutting.
*4. For continuous operation, use the products within a temperature range of
−40°C to 90°C.
Type
Appearance (mm) *3
Dimen-
sions
page
Sensing distance (mm) *1
(Min. sensing
object) (mm) *2
Min.
bending
radius
(mm)
Features
Model number
54
(0.005 dia.)
R25
Small level dif-
ferences, high
power, side-view
E32-L25
54
Small level dif-
ferences, top-
view
E32-L25A
54
R10
Ultracompact,
flat-view
E32-L24S
54
Heat resistant
up to 105
°C *4,
top-view
E32-L24L
54
Heat resistant
up to 105
°C *4,
top-view
E32-L25L
55
R25
Heat resistant
up to 200
°C, flat-
view
E32-L86
55
Soda glass
with reflection
factor of 7%
Heat resistant
up to 300
°C
E32-L64
55
Ideal for detect-
ing glass stock.
E32-A10
Special-beam models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
3.3
3.3
3.3 (3.3)
0 to 4
0 to 4
0 to 4 (0 to 4)
2 to 6 (center: 4)
2 to 6 (center: 4)
2 to 6 (2 to 6) (center: 4)
5.4 to 9 (center: 7.2)
5.4 to 9 (center: 7.2)
5.4 to 9 (5.4 to 9) (center: 7.2)
4 to 10
4 to 10
4 to 10 (4 to 10)
1 to 5
1 to 5
1 to 5
0 to 8
0 to 8
0 to 6
0 to 4


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn