Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 30 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 30 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 26Page - Omron Electronics LLC E32-D22 Datasheet HTML 27Page - Omron Electronics LLC E32-D22 Datasheet HTML 28Page - Omron Electronics LLC E32-D22 Datasheet HTML 29Page - Omron Electronics LLC E32-D22 Datasheet HTML 30Page - Omron Electronics LLC E32-D22 Datasheet HTML 31Page - Omron Electronics LLC E32-D22 Datasheet HTML 32Page - Omron Electronics LLC E32-D22 Datasheet HTML 33Page - Omron Electronics LLC E32-D22 Datasheet HTML 34Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
30
*1. The sensing distances are for white paper.
*2. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*3.
Indicates models that allow free cutting.
Type
Appearance (mm) *3
Dimen-
sions
page
Sensing distance (mm) *1
(Min. sens-
ing object)
(mm) *2
Min.
bending
radius
(mm)
Features
Model number
52
(0.005 dia.)
R4
M6 right angle E32-C11N
52
M3 right angle E32-C31N
52
M6 screw
E32-CC200R
52
R25
E32-CC200
52
3-dia. cylinder E32-D32L
52
M3 screw
(small)
E32-C31
52
2-dia. cylinder
(small)
E32-D32
52
60
6 to 15 mm; spot diameter: 0.1 to
0.6 mm
Small spot
(variable)
E32-C42+
E39-F3A
52
60
Spot diameter of 0.5 to
1 mm at distances in the
range 6 to 15 mm
E32-D32+
E39-F3A
52
60
Spot diameter of 0.1 mm at 7 mm
Small spot
E32-C41+
E39-F3A-5
52
60
Spot diameter of 0.5 mm at
7 mm
E32-C31+
E39-F3A-5
52
60
Spot diameter of 0.2 mm at 17 mm
Long distance,
small spot
E32-C41+
E39-F3B
52
60
Spot diameter of 0.5 mm at
17 mm
E32-C31+
E39-F3B
52
60
Spot diameter of 4 mm max. at distanc-
es in the range 0 to 20 mm
Long-dis-
tance sensing,
parallel light
E32-C31+
E39-F3C
53
(0.005 dia.)
R4
Beam width:
11 mm
E32-D36P1
53
(0.1 dia.)
R10
M6 screw
E32-R21+
E39-R3
(Attached)
53
(0.2 dia.)
R25
Screw mount-
ing, long dis-
tance
E32-R16+
E39-R1
(Attached)
Fiber Units with Reflective Sensors
Special-beam models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
M6
280
170
160 (50)
R
M3
40
25
23 (7)
M6
250
150
100 (45)
500
300
200 (90)
3 dia.
250
150
100 (45)
M3
120
75
50 (22)
2 dia.
4-dia. spot
250
150
100 (45)
B
E39-R3
Reflector
M6
10 to 250
10 to 250
10 to 250 (10 to 250)
E39-R3
Reflector
150 to 1,500
150 to 1,500
150 to 1,500
(150 to 1,500)
Flexible
Break-resistant
Fluororesin coating


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn