Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 27 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 27 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 23Page - Omron Electronics LLC E32-D22 Datasheet HTML 24Page - Omron Electronics LLC E32-D22 Datasheet HTML 25Page - Omron Electronics LLC E32-D22 Datasheet HTML 26Page - Omron Electronics LLC E32-D22 Datasheet HTML 27Page - Omron Electronics LLC E32-D22 Datasheet HTML 28Page - Omron Electronics LLC E32-D22 Datasheet HTML 29Page - Omron Electronics LLC E32-D22 Datasheet HTML 30Page - Omron Electronics LLC E32-D22 Datasheet HTML 31Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
27
*1. The sensing distances are for white paper.
*2. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*3.
Indicates models that allow free cutting.
Type
Appearance (mm) *3
Dimen-
sions
page
Sensing distance (mm) *1
(Min. sens-
ing object)
(mm) *2
Min.
bending
radius
(mm)
Features
Model number
48
(0.005 dia.)
R25
M6 screw
E32-DC200
48
3-dia. cylinder E32-D12
48
Flat shape
E32-D15X
48
M6 screw,
with sleeve
E32-DC200B
E32-DC200B4
49
6-dia. cylinder,
side-view
E32-D14L
49
Flat shape,
side-view
E32-D15Y
49
Flat shape,
flat-view
E32-D15Z
48
R10
M4 screw
(small)
E32-D211
48
M3 screw
(small)
E32-DC200E
48
3-dia. cylinder
(small)
E32-D22
48
Flat shape
(small)
E32-D25X
48
M3 screw
(small),
with sleeve
E32-DC200F
E32-DC200F4
49
2-dia. cylinder
(small),
side-view
E32-D24
49
Flat shape
(small),
side-view
E32-D25Y
49
Flat shape
(small),
flat-view
E32-D25Z
Standard models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
M6
500
300
200 (90)
3 dia.
400
230
160 (70)
15
× 10 × 3
500
300
200 (90)
2.5 dia.
M6
90 (40)
( ): E32-DC200B4
Sleeve cannot
be bent.
6 dia.
200
110
80 (36)
15
× 10 × 3
100
170
65 (30)
15
× 10 × 3
M4
130
80
50 (22)
M3
3 dia.
12
× 8 × 2
1.2 dia.
M3
90 (40)
( ): E32-DC200F4
Min. bending ra-
dius of sleeve: 5
2 dia.
50
30
20 (8)
12
× 8 × 2
35
20
12 (6)
12
× 8 × 2
Flexible
Break-resistant
Fluororesin coating


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn