Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 26 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 26 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 22Page - Omron Electronics LLC E32-D22 Datasheet HTML 23Page - Omron Electronics LLC E32-D22 Datasheet HTML 24Page - Omron Electronics LLC E32-D22 Datasheet HTML 25Page - Omron Electronics LLC E32-D22 Datasheet HTML 26Page - Omron Electronics LLC E32-D22 Datasheet HTML 27Page - Omron Electronics LLC E32-D22 Datasheet HTML 28Page - Omron Electronics LLC E32-D22 Datasheet HTML 29Page - Omron Electronics LLC E32-D22 Datasheet HTML 30Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
26
*1. The sensing distances are for white paper.
*2. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*3.
Indicates models that allow free cutting.
Type
Appearance (mm) *3
Dimen-
sions page
Sensing distance (mm) *1
(Min. sensing
object) (mm) *2
Min. bending
radius (mm)
Features
Model number
48
(0.005 dia.)
R1
M6 right an-
gle
E32-D11N
48
M6 screw
E32-D11R
48
3-dia. cylin-
der
E32-D12R
48
Flat shape
E32-D15XR
48
M6 screw,
with sleeve
E32-DC200BR
E32-DC200B4R
49
6-dia. cylin-
der, side-
view
E32-D14LR
49
Flat shape,
side-view
E32-D15YR
49
Flat shape,
flat-view
E32-D15ZR
48
M4 screw
(small)
E32-D211R
48
M3 screw
(small)
E32-D21R
48
3-dia. cylin-
der (small)
E32-D22R
48
Flat panel
(small)
E32-D25XR
48
M3 screw
(small), with
sleeve
E32-DC200FR
E32-DC200F4R
49
2-dia. cylin-
der (small),
side-view
E32-D24R
49
Flat shape
(small),
side-view
E32-D25YR
49
Flat shape
(small),
flat-view
E32-D25ZR
Fiber Units with Reflective Sensors
Standard models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
M6
300
170
120 (50)
R
M6
3 dia.
15
× 10 × 3
2.5 dia.
M6
Sleeve can-
not be bent.
6 dia.
80
45
30 (14)
15
× 10 × 3
70
40
26 (12)
15
× 10 × 3
M4
50
30
20 (8)
M3
3 dia.
12
× 8 × 3
1.2 dia.
M3
Min. bending
radius of
sleeve: 5
2 dia.
26
15
10 (4)
12
× 8 × 2
14
8
5 (2)
12
× 8 × 2
Flexible
Break-resistant
Fluororesin coating


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn