Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 24 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 20Page - Omron Electronics LLC E32-D22 Datasheet HTML 21Page - Omron Electronics LLC E32-D22 Datasheet HTML 22Page - Omron Electronics LLC E32-D22 Datasheet HTML 23Page - Omron Electronics LLC E32-D22 Datasheet HTML 24Page - Omron Electronics LLC E32-D22 Datasheet HTML 25Page - Omron Electronics LLC E32-D22 Datasheet HTML 26Page - Omron Electronics LLC E32-D22 Datasheet HTML 27Page - Omron Electronics LLC E32-D22 Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 67 page
background image
24
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2.
Indicates models that allow free cutting.
*3. This is the value for which detection is possible within the sensing area, with the sensing distance set to 300 mm. (The sensing object is stationary.)
*4. This is the value for which detection is possible within the sensing area, with the sensing distance set to give a digital value of 1,000. (The sensing object is sta-
tionary.)
*5. For continuous operation, use the products within a temperature range of
−40°C to 130°C.
*6. The maximum temperature that can be withstood varies with the location. Refer to dimensions diagrams for details.
*7. The optical fiber is 2 m long on each side, so the sensing distance is 4,000 mm.
Through-beam Fiber Units
Environment-resistant models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
Type
Appearance (mm) *2
Dimen-
sions
page
Sensing distance (mm)
Standard object
(min. sensing
object) (mm)*1
Min.
bending
radius
(mm)
Features
Model number
150
°C
*5
46
1.5 dia.
(0.1 dia.)
R35
Heat-resis-
tant up to
150
°C
E32-T51
46
Heat-resis-
tant up to
150
°C; side-
view
E32-T54
200
°C
*6
46
1 dia.
(0.005 dia.)
R10
Heat-resis-
tant up to
200
°C
E32-T81R-S
46
60
3 dia. (0.1 dia.)
R25
Heat-resis-
tant up to
200
°C; side-
view
E32-T61-S+
E39-F2
46
60
4 dia. (0.1 dia.)
Heat-resis-
tant up to
200
°C, long
distance
E32-T61-S+
E39-F1
46
1.7 dia.
(0.1 dia)
Heat-resis-
tant up to
200
°C; L-
shaped; long
distance
E32-T84S-S
350
°C
*6
46
1 dia.
(0.005 dia.)
Heat-resis-
tant up to
350
°C
E32-T61-S
46
4 dia. (0.1 dia.)
R4
Fluororesin
cover, round
head
E32-T11F
46
R40
Fluororesin
cover, long
distance
E32-T12F
46
3 dia. (0.1 dia.)
Fluororesin
cover, side-
view
E32-T14F
46
4 dia. (0.1 dia.)
Fluororesin
cover, heat-
resistant up to
150
°C *5
E32-T51F
46
1 dia.
(0.005 dia.)
R10
Fluororesin
cover, heat-
resistant up to
200
°C *6
E32-T81F-S
M4
1,000
760
500 (200)
2 dia.
300
230
150 (60)
M4
360
280
180 (70)
M4
600
450
300 (120)
M4
4,000*7
3,400
2,200 (900)
3 dia.
1,750
1,300
870 (350)
M4
600
450
300 (120)
7.2 dia.
2,500
2,000
1,300 (520)
5 dia.
4,000*7
3,000
2,000 (800)
5 dia.
500
400
250 (100)
5 dia.
1,800
1,400
900 (350)
6 dia.
920
700
460 (190)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn