Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 23 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 19Page - Omron Electronics LLC E32-D22 Datasheet HTML 20Page - Omron Electronics LLC E32-D22 Datasheet HTML 21Page - Omron Electronics LLC E32-D22 Datasheet HTML 22Page - Omron Electronics LLC E32-D22 Datasheet HTML 23Page - Omron Electronics LLC E32-D22 Datasheet HTML 24Page - Omron Electronics LLC E32-D22 Datasheet HTML 25Page - Omron Electronics LLC E32-D22 Datasheet HTML 26Page - Omron Electronics LLC E32-D22 Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
23
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2.
Indicates models that allow free cutting.
*3. This is the value for which detection is possible within the sensing area, with the sensing distance set to 300 mm. (The sensing object is stationary.)
*4. This is the value for which detection is possible within the sensing area, with the sensing distance set to give a digital value of 1,000. (The sensing object is sta-
tionary.)
Type
Appearance (mm) *2
Dimen-
sions
page
Sensing distance (mm)
Standard object
(min. sensing
object) (mm)*1
Min. bend-
ing radius
(mm)
Features
Model number
44
0.5 dia.
(0.005 dia.)
R1
1-dia. cylinder,
flexible fiber
E32-T223R
44
0.25 dia.
(0.005 dia.)
R10
0.5-dia.
sleeve; 0.25-
dia. opening
E32-T33-S5
44
0.125 dia.
(0.005 dia.)
0.25-dia.
sleeve, 0.125-
dia. opening
E32-T333-S5
44
0.1 dia.
(0.005 dia.)
0.22-dia.
sleeve, 0.1-
dia. opening
E32-T334-S5
44
1.7 dia.
(0.1 dia.)
R10
3-dia. cylinder E32-T22S
44
2 dia. (0.1 dia.)
3.5-dia. cylin-
der, side-view
E32-T24S
45
(0.2 dia.) *3
R1
Area width:
11 mm
E32-T16PR
45
R10
E32-T16P
45
R1
Area width:
11 mm; side-
view
E32-T16JR
45
R10
E32-T16J
44
(0.3 dia.) *3
R1
Area width:
30 mm
E32-T16WR
44
R10
E32-T16W
45
(0.6 dia.) *4
R25
Area width:
10 mm; long
distance
E32-T16
44
2 dia. (0.1 dia)
Multi-point de-
tection (4-
head)
E32-M21
Special-beam models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
1 dia.
130
160
75 (30)
R
Sleeve cannot be bent.
3 dia. 0.5 dia.
53
44
25 (10)
Sleeve cannot be bent.
3 dia. 0.25 dia.
12
10
6 (4)
Sleeve cannot be bent.
3 dia. 0.22 dia.
6
5
3 (2)
3 dia.
2,500
1,900
1,250 (500)
3.5 dia.
1,750
1,300
870 (350)
11
1,100
840
560 (220)
R
1,500
1,100
750 (300)
11
980
750
480 (190)
R
1,300
1,000
650 (260)
30
1,700
1,300
850 (340)
R
2,300
1,800
1,150 (450)
10
3,700
2,800
1,850 (740)
M3
750
610
350 (140)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn