Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 16Page - Omron Electronics LLC E32-D22 Datasheet HTML 17Page - Omron Electronics LLC E32-D22 Datasheet HTML 18Page - Omron Electronics LLC E32-D22 Datasheet HTML 19Page - Omron Electronics LLC E32-D22 Datasheet HTML 20Page - Omron Electronics LLC E32-D22 Datasheet HTML 21Page - Omron Electronics LLC E32-D22 Datasheet HTML 22Page - Omron Electronics LLC E32-D22 Datasheet HTML 23Page - Omron Electronics LLC E32-D22 Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
20
*1. The values for the minimum sensing object are representative values that indicate values obtained in standard mode with the sensing distance and sensitivity set
to optimum values.
*2.
Indicates models that allow free cutting.
Type
Appearance (mm) *2
Dimen-
sions
page
Sensing distance (mm)
Standard object
(min. sensing
object) (mm) *1
Min. bend-
ing radius
(mm)
Features
Model number
40
1 dia.
(0.005 dia.)
R25
M4 screw
E32-TC200
40
3-dia. cylinder
E32-T12
40
Flat shape
E32-T15X
40
M4 screw, with
sleeve
E32-TC200B
E32-TC200B4
40
3-dia. cylinder,
side-view
E32-T14L
41
Flat shape,
side-view
E32-T15Y
41
Flat shape,
flat-view
E32-T15Z
40
M3 screw
(small)
E32-TC200A
40
0.5 dia.
(0.005 dia.)
R10
E32-TC200E
40
2-dia. cylinder
(small)
E32-T22
40
1.5-dia. cylin-
der (small)
E32-T222
40
Flat shape
(small)
E32-T25X
40
M3 screw
(small),
with sleeve
E32-TC200F
E32-TC200F4
41
1-dia. cylinder
(small), side-
view
E32-T24
41
Flat shape
(small), side-
view
E32-T25Y
41
Flat shape
(small),
flat-view
E32-T25Z
Through-beam Fiber Units
Standard models
High-resolution mode
High-speed mode
*When used in combination with the E3X-DA-S Amplifier Unit (general-purpose).
Standard mode
Super-high-speed mode)
(
M4
760
1,000
500 (200)
M4
15
× 8 × 3
1.2 dia.
M4
Min. bending radius of sleeve: 5
( ): E32-TC200B4R
90 (40)
3 dia.
300 (120)
460
600
15
× 8 × 3
15
× 8 × 3
M3
680
900
450 (180)
M3
125 (50)
220
270
2 dia.
1.5 dia.
12
× 7 × 2
M3
0.9 dia.
90 (40) ( ): E32-TC200F4R
Min. bending radius of sleeve: 5
1 dia.
130
160
75 (30)
12
× 7 × 2
12
× 7 × 2
Flexible
Break-resistant
Fluororesin coating


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn