Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 18 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 14Page - Omron Electronics LLC E32-D22 Datasheet HTML 15Page - Omron Electronics LLC E32-D22 Datasheet HTML 16Page - Omron Electronics LLC E32-D22 Datasheet HTML 17Page - Omron Electronics LLC E32-D22 Datasheet HTML 18Page - Omron Electronics LLC E32-D22 Datasheet HTML 19Page - Omron Electronics LLC E32-D22 Datasheet HTML 20Page - Omron Electronics LLC E32-D22 Datasheet HTML 21Page - Omron Electronics LLC E32-D22 Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
18
Features/Applications
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Features
■ Engineering Data
Type
Features
Shape, sensing distance (mm)*
Model number
Opening angle: 1.5
°
890
E32-A03
With mounting
flange
E32-A03-1
Opening angle: 3
° ultraslim
340
E32-A04
With mounting
flange
E32-A04-1
Application-corresponding Models
Wafer Mapping
• Wafers are reliable detected with an ultrafine beam.
• The optical axis is adjusted before delivery to allow
easy installation.
E32-A03
E32-A03-1
Direction of rotation
Vertical rotation
Optical axis adjusted
before delivery so
that displacement is
typically within 0.1
°.
8-inch Wafer Mapping Characteristic (Typical Examples)
Distance moved, X (mm)
−10 −9
−8
−7
−6
−5
−4
−3
−2
−1
0123
4
180
140
160
120
100
80
60
40
20
0
Wafer piles can
also be detected
170 mm
Fiber
Fiber
6.35 mm
2-wafer pile
Silicon wafer
(t = 0.75 mm)
For
2 wafers
For
1 wafer
X


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn