Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 12Page - Omron Electronics LLC E32-D22 Datasheet HTML 13Page - Omron Electronics LLC E32-D22 Datasheet HTML 14Page - Omron Electronics LLC E32-D22 Datasheet HTML 15Page - Omron Electronics LLC E32-D22 Datasheet HTML 16Page - Omron Electronics LLC E32-D22 Datasheet HTML 17Page - Omron Electronics LLC E32-D22 Datasheet HTML 18Page - Omron Electronics LLC E32-D22 Datasheet HTML 19Page - Omron Electronics LLC E32-D22 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 67 page
background image
16
Features/Application
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
Slot sensor, no adjustment of optical axis
required
10
E32-G14
Screw mounting, side-view
3,400
E32-T14
■ Operating Principle
The presence/absence of liquid is detected using the
refractive properties of light. More specifically, it utilizes
the fact that the difference in refractive index between
the air and the tip/tube is larger than the difference be-
tween the liquid and the tip/tube.
Type
Features
Shape, sensing distance (mm)*
Model number
Light ON when liquid is present
(ideal for checking lower limits)
Applicable tube: Transparent tube with a
diameter of 3.2, 6.4, or 9.5 mm and a rec-
ommended wall thickness of 1 mm
E32-A01
Light ON when liquid is absent
(ideal for checking for overflow)
Applicable tube: Transparent tube with a
diameter in the range 6 to 13 mm and a
recommended wall thickness of 1 mm
E32-A02
No restriction on tube diameter, resis-
tant to bubbles and drops of water
Applicable tube: Transparent tube (no re-
striction on diameter)
E32-D36T
Heat-resistant up to 200
°C, shape pre-
vents liquid buildup
Liquid-contact model
E32-D82F1
Application-corresponding Models
Label Detection
10 mm
• Built-in lens and high-power beam enable the reliable detec-
tion of labels through a mounting board.
• These Fiber Units can be washed with hydrogen peroxide,
making them ideal for the food industry.
E32-G14
E32-G14
Detecting labels
Ambient tempera-
ture range
−40°C to 70°C (no icing or condensation)
Fiber material
Plastic
Degree of protec-
tion
IP67
Liquid-level Detection
• Area sensing is possible with minimal influence from
bubbles and drops of water (E32-A01/A02/D36T).
• For safety when disconnections occur, two models
have been developed, a light ON model for liquid pres-
ence and a light ON model for liquid absence (E32-A01/
A02).
E32-D36T
E32-D82F1
Tube-mounting model
Liquid-contact model
Air
Liquid
No liquid
present
Liquid
present
Air
Tube
Liquid
Liquid-contact model
Tube-mounting


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn