Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 10Page - Omron Electronics LLC E32-D22 Datasheet HTML 11Page - Omron Electronics LLC E32-D22 Datasheet HTML 12Page - Omron Electronics LLC E32-D22 Datasheet HTML 13Page - Omron Electronics LLC E32-D22 Datasheet HTML 14Page - Omron Electronics LLC E32-D22 Datasheet HTML 15Page - Omron Electronics LLC E32-D22 Datasheet HTML 16Page - Omron Electronics LLC E32-D22 Datasheet HTML 17Page - Omron Electronics LLC E32-D22 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 67 page
background image
14
Features/Applications
■ Overview of Model Variations
*1 The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
*2 Order the Fiber Unit based on the Amplifier Unit. Use the E32-D
@-S if the E3X-DA@-S, E3X-MDA@, or E3X-DAC@-S is used.
Use the E32-D
@ if any other Amplifier is used.
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Applications
■ Ratings/Characteristics
Type
Ambient tem-
perature range
Features
Shape, sensing distance (mm)*1
Model number
−40°C to 150°C M4 screw
760
E32-T51
−40°C to 200°C L-shaped, long distance
1,300
E32-T84S-S
−60°C to 350°C M4 screw
450
E32-T61-S
−60°C to 350°C M6 screw
90
E32-D61-S
−40°C to 400°C M6 screw, with sleeve
60
E32-D73-S
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
Water-resistant round head
2,000
E32-T11F
Built-in lens, high power
3,000
E32-T12F
Heat-resistant up to 200
°C
700
E32-T81F-S
Built-in lens, high power
95
E32-D12F
Environment-resistant Models
Heat-resistant
• These Fiber Units can be used for various applica-
tions in temperatures up to 400
°C.
E32-T84S-S
E32-T61-S
Detecting wafers in
high-temperature en-
vironments
150
°C models
200
°C and higher models
E32-T81R
E32-D81R
All other models
Min. bending
radius
35 mm
10 mm
25 mm
Fiber material
Plastic
(fluororesin coating)
Glass (fluo-
roresin coating)
Glass (SUS spi-
ral coating)
Chemical-resistant
• Built-in lens and high-power beam reduce the influ-
ence of dirt and drops of water.
• Round design prevents drops of water sticking to the
head (E32-T11F).
E32-T14F
Detecting workpieces in cleaning processes
E32-T12F
All other models
E32-T51F
E32-T81F-S
Ambient tem-
perature range
−40°C to 70°C
−40°C to
150
°C
−40°C to 200°C
Fiber material
Plastic
(fluororesin coating)
Glass (fluororesin
coating)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn