Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D22 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part No. E32-D22
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D22 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E32-D22 Datasheet HTML 8Page - Omron Electronics LLC E32-D22 Datasheet HTML 9Page - Omron Electronics LLC E32-D22 Datasheet HTML 10Page - Omron Electronics LLC E32-D22 Datasheet HTML 11Page - Omron Electronics LLC E32-D22 Datasheet HTML 12Page - Omron Electronics LLC E32-D22 Datasheet HTML 13Page - Omron Electronics LLC E32-D22 Datasheet HTML 14Page - Omron Electronics LLC E32-D22 Datasheet HTML 15Page - Omron Electronics LLC E32-D22 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
12
Features/Applications
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
Top view
1,900 E32-T22S
Side view
1,300 E32-T24S
■ Applications
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
Sensing width: 11 mm
840
E32-T16PR
Sensing width: 11 mm
Flat-view
750
E32-T16JR
Sensing width: 30 mm
1,300 E32-T16WR
Beam width: 11 mm
150
E32-D36P1
Special-beam Models
Fine Beam (Narrow Vision Field)
Approx.
60
°
Approx. 4
°
1300 mm
• Fine beam reduces unwanted light in surrounding ar-
ea.
• Powerful beam allows use in applications requiring a
long sensing distance.
E32-T24S
E32-T22S
Alignment inspection
of orientation flats
Min. bending radius
10 mm
Ambient tempera-
ture range
−40°C to 70°C (no icing or condensation)
Fiber material
Plastic
Area Sensing
30 mm
11 mm
• These Fiber Units ensure greater reliability with the
detection of position inconsistencies in passing work-
pieces and the presence of workpieces with holes.
• Wide sensing bands of 11 and 30 mm (through-beam
models) enable the detection of large position incon-
sistencies.
E32-D36P1
E32-T16WR
E32-T16WR
E32-T16PR
Detecting passage of
candies
Detecting chips on film
Ambient tempera-
ture range
−40°C to 70°C (no icing or condensation)
E32-T16W
@ only: −25°C to 55°C
Fiber material
Plastic


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn