Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F1024 Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT49F1024
Description  1-Megabit 64K x 16 5-volt Only Flash Memory
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F1024 Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT49F1024 Datasheet HTML 5Page - ATMEL Corporation AT49F1024 Datasheet HTML 6Page - ATMEL Corporation AT49F1024 Datasheet HTML 7Page - ATMEL Corporation AT49F1024 Datasheet HTML 8Page - ATMEL Corporation AT49F1024 Datasheet HTML 9Page - ATMEL Corporation AT49F1024 Datasheet HTML 10Page - ATMEL Corporation AT49F1024 Datasheet HTML 11Page - ATMEL Corporation AT49F1024 Datasheet HTML 12Page - ATMEL Corporation AT49F1024 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AT49F1024/1025
11
Note:
1. The AT49F1024 has as optional boot block feature. The part number shown in the Ordering Information table is for devices
with the boot block in the lower address range (i.e., 0000H to 1FFFH). Users requiring the boot block to be in the higher
address range should contact Atmel.
AT49F1024 Ordering Information(1)
t
ACC
(ns)
ICC (mA)
Ordering Code
Package
Operation Range
Active
Standby
45
50
0.1
AT49F1024-45VC
40V
Commercial
(0
° to 70°C)
55
50
0.1
AT49F1024-55VC
40V
Commercial
(0
° to 70°C)
50
0.3
AT49F1024-55VI
40V
Industrial
(-40
° to 85°C)
70
50
0.1
AT49F1024-70VC
40V
Commercial
(0
° to 70°C)
50
0.3
AT49F1024-70VI
40V
Industrial
(-40
° to 85°C)
90
50
0.1
AT49F1024-90VC
40V
Commercial
(0
° to 70°C)
50
0.3
AT49F1024-90VI
40V
Industrial
(-40
° to 85°C)
Package Type
40V
40-Lead, Thin Small Outline Package (VSOP) (10 mm x 14 mm)


Similar Part No. - AT49F1024

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F1024A-45VC ATMEL-AT49F1024A-45VC Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F1024A-45VL ATMEL-AT49F1024A-45VL Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
More results

Similar Description - AT49F1024

ManufacturerPart #DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C1024 ATMEL-AT29C1024 Datasheet
705Kb / 12P
   1 Megabit 64K x 16 5-volt Only CMOS Flash Memory
AT49LV1024A ATMEL-AT49LV1024A Datasheet
308Kb / 14P
   1-megabit (64K x 16) 3-volt Only Flash Memory
AT29LV1024 ATMEL-AT29LV1024 Datasheet
215Kb / 12P
   1-Megabit (64K x 16) 3-volt Only Flash Memory
AT49F1024A ATMEL-AT49F1024A Datasheet
139Kb / 14P
   1 - MEGABIT ( 64K X 16 ) 5 - VOLTS ONLY FLASH MEMORY
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT49F1604 ATMEL-AT49F1604 Datasheet
213Kb / 18P
   16-Megabit 1M x 16/2M x 8 5-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com