Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS4148C Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4148C
Description  High Speed SMD Switching Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4148C Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4148C Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CREAT BY ART
- Designed for mounting on small surface
- Extremely thin/leadless package
- High mounting capability, strong surage with stand,
high reliability
- Pb free version and RoHS compliant
- Halogen free
- Case : 0603 standard package, molded plastic
- Terminal : Gold plated, solderable
per MIL-STD-750, method 2026 guaranteed
- High temperature soldering guaranteed : 260
oC/10s
- Polarity : Indicated by cathode band
- Weight : 0.004 grams (approximately)
UNIT
mW
V
mA
mA
Surge Current
oC/W
oC
UNIT
Reverse Breakdown Voltage
V
Junction Capacitance
pF
Reverse Recovery Time
ns
Document Number:DS_S1310004
Version : C13
Forward Voltage
VF
IR
0603
MAXIMUM RATINGS AND ELECTRICAL CHARACTERSTICS (TA=25℃ unless otherwise noted)
200mW High Speed SMD Switching Diode
Thermal Resistance (Junction to Ambient)
Junction and Storage Temperature Range
SYMBOL
V(BR)
PARAMETER
IR=100μA
Power Dissipation
Repetitive Peak Reverse Voltage
Repetitive Peak Forward Current
Mean Forward Current
IO
PD
75
MAX
200
75
4
1.25
-
TS4148C
MECHANICAL DATA
VR=20V
VR=75V
VR=0V, f=1.0MHz
μA
VRRM
Small Signal Product
Taiwan Semiconductor
FEATURES
PARAMETER
-
MIN
-
CJ
IF=10mA
IF=100mA
Trr
100
375
0.4
-5.0
-
at t≦8.3ms and Tj=25
oC
SYMBOL
200
VALUE
IFSM
-
0.025
1.00
-55 to +150
-
IFRM
Reverse Leakage Current
4.0
IF=IR=10mA, RL=100Ω
V
A
0.8
Non-Repetitive Peak Forward
RθJA
TJ, TSTG
at t<1s and Tj=25
oC


Similar Part No. - TS4148C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4148C TSC-TS4148C Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
TS4148CRZG TSC-TS4148CRZG Datasheet
130Kb / 2P
   200mW High Speed SMD Switching Diode
TS4148C TSC-TS4148C_14 Datasheet
206Kb / 4P
   200mW High Speed SMD Switching Diode
More results

Similar Description - TS4148C

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
1N4148W-G TSC-1N4148W-G_15 Datasheet
191Kb / 4P
   High Speed SMD Switching Diode
logo
Formosa MS
CDSN4148 FORMOSA-CDSN4148 Datasheet
80Kb / 2P
   SMD Switching Diode - High Speed
logo
Taiwan Semiconductor Co...
LL4148 TSC-LL4148_15 Datasheet
238Kb / 4P
   High Speed SMD Switching Diode
1SS400CS TSC-1SS400CS_14 Datasheet
115Kb / 3P
   High Speed SMD Switching Diode
1N4148W-G TSC-1N4148W-G Datasheet
191Kb / 3P
   High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS_15 Datasheet
201Kb / 4P
   200mW High-Speed Switching SMD Diode
TS4148RX TSC-TS4148RX Datasheet
80Kb / 2P
   400mW High Speed SMD Switching Diode
BAS316WS TSC-BAS316WS Datasheet
95Kb / 3P
   200mW, High-speed switching SMD Diode
LL4148 TSC-LL4148_10 Datasheet
206Kb / 3P
   500mW High Speed SMD Switching Diode
LL4X48 TSC-LL4X48_11 Datasheet
168Kb / 3P
   500mW High Speed SMD Switching Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com