Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L5970D Datasheet(PDF) 6 Page - STMicroelectronics

Part # L5970D
Description  Up to 1A step down switching regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5970D Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L5970D Datasheet HTML 2Page - STMicroelectronics L5970D Datasheet HTML 3Page - STMicroelectronics L5970D Datasheet HTML 4Page - STMicroelectronics L5970D Datasheet HTML 5Page - STMicroelectronics L5970D Datasheet HTML 6Page - STMicroelectronics L5970D Datasheet HTML 7Page - STMicroelectronics L5970D Datasheet HTML 8Page - STMicroelectronics L5970D Datasheet HTML 9Page - STMicroelectronics L5970D Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Electrical characteristics
L5970D
6/16
Io sink
Sink output current
VCOMP = 1.9V;
VFB = 1.5V
11.5
mA
Ib
Source bias current
2.5
4
µA
DC open loop gain
RL = ∞
50
65
dB
gm
Transconductance
Icomp = -0.1mA to
0.1mA
VCOMP = 1.9V
2.3
mS
Sync function
High input voltage
VCC = 4.4V to 36V
2.5
VREF
V
Low input voltage
VCC = 4.4V to 36V
0.74
V
Slave sink current
Vsync = 0.74V
(2)
Vsync = 2.33V
0.11
0.21
0.25
0.45
mA
mA
Master output
amplitude
Isource = 3mA
2.75
3
V
Output pulse width
no load,
Vsync = 1.65V
0.20
0.35
µs
Reference section
Reference voltage
3.234
3.3
3.366
V
IREF = 0 to 5mA
VCC = 4.4V to 36V
(1)
3.2
3.3
3.399
V
Line regulation
IREF = 0mA
VCC = 4.4V to 36V
510
mV
Load regulation
IREF = 0 to 5mA
8
15
mV
Short circuit current
10
18
30
mA
1.
Specification Referred to TJ from -40 to 125°C. Specification over the -40 to +125 TJ Temperature range
are assured by design, characterization and statistical correlation.
2.
Guaranteed by design.
Table 4. Electrical characteristics (continued)
( TJ = 25°C, VCC = 12V, unless otherwise specified)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit


Similar Part No. - L5970D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
L5970D STMICROELECTRONICS-L5970D Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
270Kb / 16P
   Up to 1A step down switching regulator
L5970D013 STMICROELECTRONICS-L5970D013 Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
More results

Similar Description - L5970D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5970D STMICROELECTRONICS-L5970D_07 Datasheet
260Kb / 16P
   Up to 1A step down switching regulator
L5970D STMICROELECTRONICS-L5970D Datasheet
138Kb / 10P
   UP TO 1A STEP DOWN SWITCHING REGULATOR
L5970D_0710 STMICROELECTRONICS-L5970D_0710 Datasheet
270Kb / 16P
   Up to 1A step down switching regulator
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3682 LINER-LT3682_15 Datasheet
264Kb / 24P
   1A Micropower Step-Down Switching Regulator
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com