Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 58 Page - Omron Electronics LLC

Part No. E32-D11
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 58 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 54Page - Omron Electronics LLC E32-D11 Datasheet HTML 55Page - Omron Electronics LLC E32-D11 Datasheet HTML 56Page - Omron Electronics LLC E32-D11 Datasheet HTML 57Page - Omron Electronics LLC E32-D11 Datasheet HTML 58Page - Omron Electronics LLC E32-D11 Datasheet HTML 59Page - Omron Electronics LLC E32-D11 Datasheet HTML 60Page - Omron Electronics LLC E32-D11 Datasheet HTML 61Page - Omron Electronics LLC E32-D11 Datasheet HTML 62Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 67 page
background image
58
Liquid-level Detection Models
Models for Glass-substrate Alignment/Mapping
Fiber Units with Reflective Sensors
Application-corresponding Fiber Units
Flexible
Break-resistant
Fluororesin coating
Standard
R
@
Cutting free (Cutter provided)
(PMMA)
(ABS)
Two, 2.2 dia.
Emitter
Receiver
(PBT)
20
27
4.2
5,000
31.2
31.2
19.9
19.9
Optical axis
E32-A01
R4
Sensing surface
(2 × 11)(PMMA)
Optical axis
(ABS)
(ABS)
27
4.5
3
7
12
14.5
3.3
4.5
1.7
5,000
Two, 2.2 dia.
17.8
17.8
31.5
31.5
21.5
21.5
E32-A02
R4
2,000
7.2
6 dia.
6 dia. (Fluororesin)
Fiber connector 9 dia.
(brass/nickel plating)
8 dia.
Two, 2.2 dia. *2
To the Amplifier Unit
Length of unbendable
section: 150
150 (350
350) *1
1,500 mm from the tip
2,000
A
B
27
42
*1.( ): E32-D82F2
*2.The 2-m section of optical fiber on the Amplifier-unit side is plastic and therefore allows free cutting.
E32-D82F1
E32-D82F2
R40
R40
Note: The maximum allowable temperatures
for sections A and B are 200
°C and
85
°C, respectively.
1.1
2,000
Sensing surface
Two, 3.2 dia. mounting holes
with two, 6 dia. countersinks *2
Two, 2.2 dia. *1
12
14
4
24.5
24.5
5
5
3.8
10.7 6.5
(ABS)
E32-A08
E32-A07E1
E32-A07E2
R25
R25
R25
*1 The E32-A07E1/E32-A07E2 has a reception fiber and an emission
fiber. Use the fiber with a model display tube (fiber with blue dotted
line) as light emitting side.
*2 E32-A08 : Countersinks on one side
E32-A07E1/E32-A07E2 : Countersinks on both sides
Two, 2.8 dia. flexible tubes (SUS304)
4 dia.
2.2 dia.
Two, 3.2 dia. mounting holes with
6 dia. Countersinks on one side
(SUS303)
Sensing
surface
36
36
5.5
5.5
18
18
*
1
7
3.3
21.7
A
5
2,000
25(B)
E32-L66 R25
Note: The maximum allowable temperatures for sections A and B are
300
°C and 110°C, respectively. The section inserted into the Am-
plifier Unit (indicated by *), however, must stay within the Amplifier
Unit's operating temperature range.
Sensing surface
6.5±0.1
2-M3
1.5
4 dia. 8.6
(5)
4
10.7
6.5
Mounting holes
4 dia.
2.2 dia.
(SUS303)
Flexible tube:
Two, 2.9 dia
(stainless steel)
Sleeve (Aluminum)
A
30(B)
3,000
18
8
5
5
26
26
Mounting holes Two, 3.4 dia.
Two, 6.3 dia. countersinks
E32-A08H2 R25
Note: The maximum allowable temperatures for sections A
and B are 300
°C and 110°C, respectively.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn