Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 38 Page - Omron Electronics LLC

Part No. E32-D11
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 38 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 34Page - Omron Electronics LLC E32-D11 Datasheet HTML 35Page - Omron Electronics LLC E32-D11 Datasheet HTML 36Page - Omron Electronics LLC E32-D11 Datasheet HTML 37Page - Omron Electronics LLC E32-D11 Datasheet HTML 38Page - Omron Electronics LLC E32-D11 Datasheet HTML 39Page - Omron Electronics LLC E32-D11 Datasheet HTML 40Page - Omron Electronics LLC E32-D11 Datasheet HTML 41Page - Omron Electronics LLC E32-D11 Datasheet HTML 42Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
38
*The strength depends on the section. Use 0.49 N
•m max. to 5 mm from the tip and 0.78 N•m max. at a distance of more than 5 mm from the tip.
Models
Ambient operating
temperature range
Ambient hu-
midity range
Fiber core material
(sheath material)
Permissible bend-
ing radius
Tightening
force (N·m)
Pulling
force (N)
IEC standard de-
gree of protection
E32-T24
−40 to +70°C
35% to 85%
Plastic (polyethylene coating)
R10
0.29
9.8 IP67
E32-T24R
Plastic (polyethylene coating)
R1
0.29
9.8 IP67
E32-T25X
Plastic (polyethylene coating)
R10
0.15
9.8 IP67
E32-T25XB
Plastic (PVC coating)
R4
0.15
9.8 IP67
E32-T25XR
Plastic (polyethylene coating)
R1
0.15
9.8 IP67
E32-T25Y
Plastic (polyethylene coating)
R10
0.15
9.8 IP40
E32-T25YR
Plastic (polyethylene coating)
R1
0.15
9.8 IP40
E32-T25Z
Plastic (polyethylene coating)
R10
0.15
9.8 IP40
E32-T25ZR
Plastic (polyethylene coating)
R1
0.15
9.8 IP40
E32-TC200
Plastic (polyethylene coating)
R25
0.78
29.4 IP67
E32-TC200A
Plastic (polyethylene coating)
R25
0.78
29.4 IP67
E32-TC200B(B4)
Plastic (polyethylene coating)
R25
0.78
29.4 IP67
E32-TC200BR(B4R)
Plastic (PVC coating)
R1
0.78
29.4 IP67
E32-TC200E
Plastic (polyethylene coating)
R10
0.78
9.8 IP67
E32-TC200F(F4)
Plastic (polyethylene coating)
R10
0.78
9.8 IP67
E32-TC200FR(F4R)
Plastic (polyethylene coating)
R1
0.78
9.8 IP67
Models
Ambient operating
temperature range
Ambient hu-
midity range
Fiber core material
(sheath material)
Permissible bend-
ing radius
Tightening
force (N·m)
Pulling
force (N)
IEC standard de-
gree of protection
E32-A10
−40 to +70°C
35% to 85%
Plastic (polyethylene coating)
R25
0.53
29.4 IP30
E32-C11N
−40 to +70°C
Plastic (combination of PVC and polyethylene)
R4
0.98
29.4 IP67
E32-C31
−40 to +70°C
Plastic (polyethylene coating)
R25
0.78
9.8 IP67
E32-C31N
−40 to +70°C
Plastic (combination of PVC and polyethylene)
R4
0.29
9.8 IP67
E32-C41
−40 to +70°C
Plastic (polyethylene coating)
R25
0.78
9.8 IP67
E32-C42
−40 to +70°C
Plastic (polyethylene coating)
R25
0.29
9.8 IP67
E32-CC200
−40 to +70°C
Plastic (polyethylene coating)
R25
0.98
29.4 IP67
E32-CC200R
−40 to +70°C
Plastic (polyethylene coating)
R4
0.98
29.4 IP67
E32-D11L
−40 to +70°C
Plastic (polyethylene coating)
R25
0.98
29.4 IP67
E32-D16
−40 to +70°C
Plastic (PVC coating)
R4
0.53
29.4 IP40
E32-D21L
−40 to +70°C
Plastic (polyethylene coating)
R10
0.78
9.8 IP67
E32-D22L
−40 to +70°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP67
E32-D32
−40 to +70°C
Plastic (polyethylene coating)
R25
0.29
9.8 IP67
E32-D32L
−40 to +70°C
Plastic (polyethylene coating)
R25
0.29
29.4 IP67
E32-D33
−40 to +70°C
Plastic (polyethylene coating)
R4
0.29
9.8 IP67
E32-D331
−40 to +70°C
Plastic (polyethylene coating)
R4
0.29
9.8 IP67
E32-D36P1
−40 to +70°C
Plastic (polyethylene coating)
R4
0.78
29.4 IP67
E32-L24L
−40 to +105°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP50
E32-L24S
−40 to +70°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP40
E32-L25
−40 to +70°C
Plastic (polyethylene coating)
R25
0.29
19.6 IP50
E32-L25A
−40 to +70°C
Plastic (polyethylene coating)
R25
0.29
19.6 IP50
E32-L25L
−40 to +105°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP50
E32-L64
−40 to +300°C
Glass (SUS spiral coating)
R25
0.54
9.8 IP50
E32-L86
−40 to +200°C
Glass (SUS spiral coating)
R25
0.54
9.8 IP40
E32-M21
−40 to +70°C
Plastic (PVC coating)
R25
0.49. 0.78*
9.8 IP50
E32-R16
−25 to +55°C
Plastic (polyethylene coating)
R25
0.54
29.4 IP66
E32-R21
−40 to +70°C
Plastic (polyethylene coating)
R10
0.39
9.8 IP67
E32-T11L
−40 to +70°C
Plastic (polyethylene coating)
R25
0.78
29.4 IP67
E32-T12L
−40 to +70°C
Plastic (polyethylene coating)
R25
0.29
29.4 IP67
E32-T14
−40 to +70°C
Plastic (polyethylene coating)
R25
0.49
29.4 IP67
E32-T16
−40 to +70°C
Plastic (polyethylene coating)
R25
0.49
29.4 IP67
E32-T16J
−40 to +70°C
Plastic (PVC coating)
R10
0.29
29.4 IP50
E32-T16JR
−40 to +70°C
Plastic (PVC coating)
R1
0.29
29.4 IP50
E32-T16P
−40 to +70°C
Plastic (PVC coating)
R10
0.29
29.4 IP50
E32-T16PR
−40 to +70°C
Plastic (PVC coating)
R1
0.29
29.4 IP50
E32-T16W
−25 to +55°C
Plastic (PVC coating)
R10
0.29
9.8 IP50
E32-T16WR
−25 to +55°C
Plastic (PVC coating)
R1
0.29
9.8 IP50
E32-T17L
−40 to +70°C
Plastic (polyethylene coating)
R25
0.78
29.4 IP67
E32-T21L
−40 to +70°C
Plastic (polyethylene coating)
R10
0.78
9.8 IP67
E32-T223R
−40 to +70°C
Plastic (polyethylene coating)
R1
0.20
9.8 IP67
E32-T22L
−40 to +70°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP67
E32-T22S
−40 to +70°C
Plastic (PVC coating)
R10
0.29
29.4 IP50
E32-T24S
−40 to +70°C
Plastic (PVC coating)
R10
0.29
29.4 IP50
E32-T333-S5
−40 to +70°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP67
E32-T334-S5
−40 to +70°C
Plastic (polyethylene coating)
R10
0.29
9.8 IP67
E32-T33-S5
−40 to +70°C
Plastic (PVC coating)
R10
0.29
9.8 IP67
Standard models (continued)
Special-beam models


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn