Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E32-D11 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # E32-D11
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 13Page - Omron Electronics LLC E32-D11 Datasheet HTML 14Page - Omron Electronics LLC E32-D11 Datasheet HTML 15Page - Omron Electronics LLC E32-D11 Datasheet HTML 16Page - Omron Electronics LLC E32-D11 Datasheet HTML 17Page - Omron Electronics LLC E32-D11 Datasheet HTML 18Page - Omron Electronics LLC E32-D11 Datasheet HTML 19Page - Omron Electronics LLC E32-D11 Datasheet HTML 20Page - Omron Electronics LLC E32-D11 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
17
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
■ Engineering Data (E32-A07/A08/L16-N)
Type
Features
Shape, sensing distance (mm)*
Model number
0 to 15 mm, wide-range sensing
0 to 15
E32-L16-N
Long-distance sensing
10 to 20
E32-A08
15 to 25
E32-A07E1
E32-A07E2
Heat-resistant up to 300
°C
5 to 18
E32-L66
■ Engineering Data (E32-A09)
Type
Features
Shape, sensing distance (mm)*
Model number
Large-diameter lens ensures re-
sistance to tilting
15 to 38 (center: 25)
E32-A09
Heat-resistant up to 150
°C
E32-A09H
Heat-resistant up to 300
°C
20 to 30 (center: 25)
E32-A09H2
Application-corresponding Models
Glass-substrate Alignment
• There is little variation of detection position within the
detection range (
±0.1 mm max.)
• The different model variations can handle a variety of
sensing distances and temperature conditions.
E32-L16-N
Detection-Position Characteristic (Typical Examples)
Sensing object: Raw glass
(t = 0.7 mm, rounded edge)
2.5
0
5
10
15
20
25
3.0
3.5
4.5
5.0
6.0
E32-A07
E32-A08
E32-L16-N
Y
X
Glass-substrate Mapping
• These models can reliably detect thin glass-substrate
end faces (t = 0.5 mm, beveled edge).
• Using a large-diameter lens makes it possible to cope
with tilting of the glass substrates.
E32-A09
X mm
Angle Characteristics in Left and Right Directions
(Typical Example)
Angle,
θ (o)
Sensing object: Raw glass
(t = 0.5 mm, beveled/rounded edge)
Sensing object: Raw glass
(t = 0.5 mm, rounded edge)
−θ
+
θ
25 mm
−10 −8
−6 −4
−20
2
4
6
8
10
0
100
75
25
50
Emission side
Reception side
Sensing distance, X (mm)
300
250
200
150
100
50
0
0
10203040506070
Digital Light-intensity Value vs Sensing Distance
(Typical Examples)
Rounded
edge
Beveled
edge


Similar Part No. - E32-D11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D11 OMRON-E32-D11 Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D11 OMRON-E32-D11 Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D11L OMRON-E32-D11L Datasheet
1Mb / 64P
   Optical Fiber Photoelectric Sensor
E32-D11L OMRON-E32-D11L Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
E32-D11R OMRON-E32-D11R Datasheet
1Mb / 108P
   An Extensive Selection of Fiber-Optic Cables
More results

Similar Description - E32-D11

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E32-D22B OMRON-E32-D22B Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
E32DC200F OMRON-E32DC200F Datasheet
17Mb / 67P
   These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
logo
SHANGHAI BELLING CO., L...
BL22P64 BELLING-BL22P64 Datasheet
195Kb / 15P
   BL22P64 can be used for dedicated control functions in a variety of applications
logo
List of Unclassifed Man...
PMODJSTK ETC1-PMODJSTK Datasheet
127Kb / 3P
   The PmodJSTK was designed to be a versatile user interface that can be used in a wide variety of projects.
logo
PHOENIX CONTACT
2799348 PHOENIX-2799348 Datasheet
48Kb / 2P
   For a variety of applications
logo
Lattice Semiconductor
LFMXO5-25 LATTICE-LFMXO5-25 Datasheet
3Mb / 102P
   The MachXO5™-NX family of low-power FPGAs can be used in a wide range of applications
May 2022
logo
Shenzhen Huazhimei Semi...
HM8021B HMSEMI-HM8021B Datasheet
493Kb / 7P
   The brightness of the light can be adjusted as needed, and the operation is simple and convenient.
logo
List of Unclassifed Man...
T25T-L ETC2-T25T-L Datasheet
48Kb / 1P
   Largest variety of colors materials and sizes in the industry
logo
Panasonic Semiconductor
S2-12VDC PANASONIC-S2-12VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
S2-5VDC PANASONIC-S2-5VDC Datasheet
149Kb / 5P
   4 A CAPACITY, THE VARIETY OF CONTACT ARRANGEMENTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com