Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part No. E32-D11
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 11Page - Omron Electronics LLC E32-D11 Datasheet HTML 12Page - Omron Electronics LLC E32-D11 Datasheet HTML 13Page - Omron Electronics LLC E32-D11 Datasheet HTML 14Page - Omron Electronics LLC E32-D11 Datasheet HTML 15Page - Omron Electronics LLC E32-D11 Datasheet HTML 16Page - Omron Electronics LLC E32-D11 Datasheet HTML 17Page - Omron Electronics LLC E32-D11 Datasheet HTML 18Page - Omron Electronics LLC E32-D11 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 67 page
background image
15
ì¡í²ÅEÉAÉvÉäÉPÅ[ÉVÉáÉì
■ Overview of Model Variations
*The sensing distances apply for use in combination with the E3X-DA-S Amplifier Unit (general-purpose, standard mode).
Fiber Units on Atmospheric-pressure Side
Flanges
■ Ratings/Characteristics
■ Applications (Configuration Example)
■ Ratings/Characteristics
Type
Features
Shape, sensing distance (mm)*
Model number
M4 screw, top-view, heat-resistant up
to 120
°C, long distance
1,000
E32-T51V+
E39-F1V
L-shaped, heat-resistant up to 120
°C
130
E32-T54V
1M
L-shaped, long distance, heat-resis-
tant up to 200
°C
480
E32-T84SV
1M
Appearance
Type
Model number
Common
E32-T10V 2M
Appearance
Type
Model number
4-channel flange
E32-VF4
1-channel flange
E32-VF1
Number of channels
4 channels
1 channels
Item
Model
E32-VF4
E32-VF1
Leakage rate
1
×10-10 Pa·m3/s max.
Ambient temperature
range
Operating:
−25°C to 55°C
Storage:
−25°C to 55°C
Material
Aluminum (A5056)
Stainless steel (SUS304)
Aluminum (A5056)
Flange-seal material
Fluorocarbon rubber (Viton)
Weight (packed state)
Approx. 280 g
Approx. 240 g
Environment-resistant Models
Vacuum-resistant
• These models can be used in high-vacuum environ-
ments at pressures from 10-5 to 0.1 Pa.
• The 4-channel multi-flange, which has a maximum
leakage rate of 1
×10-10 Pa·m3/s, contributes to space
savings.
Fiber Unit on vacuum side (set of 2)
E32-T51V
E32-T54V
E32-T84SV
Flange
E32-VF4 (4 CH
)
E32-VF1 (1 CH
)
Lens Unit
E39-F1V
Vacuum chamber
Atmospheric-pressure side
Fiber Units on atmospheric-
pressure side (set of 2)
E32-T10V
Amplifier Unit
E3X-DA-S
E3X-NA
Vacuum side
120
°C models
200
°C
models
Atmospheric-
pressure side
Min. bend-
ing radius
30 mm
25 mm
Fiber mate-
rial
Glass (fluorores-
in coating)
Glass (SUS
spiral coating)
Plastic


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn