Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

E32-D11 Datasheet(PDF) 65 Page - Omron Electronics LLC

Part No. E32-D11
Description  These Fibers Units can be used in a variety of applications, such as detecting the presence of workpieces and positioning.
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E32-D11 Datasheet(HTML) 65 Page - Omron Electronics LLC

Back Button E32-D11 Datasheet HTML 59Page - Omron Electronics LLC E32-D11 Datasheet HTML 60Page - Omron Electronics LLC E32-D11 Datasheet HTML 61Page - Omron Electronics LLC E32-D11 Datasheet HTML 62Page - Omron Electronics LLC E32-D11 Datasheet HTML 63Page - Omron Electronics LLC E32-D11 Datasheet HTML 64Page - Omron Electronics LLC E32-D11 Datasheet HTML 65Page - Omron Electronics LLC E32-D11 Datasheet HTML 66Page - Omron Electronics LLC E32-D11 Datasheet HTML 67Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
65
■ Accessories
Use of E39-R3 Reflector
1. Use detergent, etc., to remove any dust or oil from the
surfaces where tape is applied. Adhesive tape will not be
attached properly if oil or dust remains on the surface.
2. The E39-R3 cannot be used in places where it is exposed
to oil or chemicals.
E39-F32
@ Protective Spiral Tubes
1. Insert a fiber to the Protective
Spiral Tube from the head
connector side (screwed) of the
tube.
2. Push the fiber into the
Protective Spiral Tube. The
tube should be straight so that
the fiber is not twisted when
inserted. Then turn the end cap
of the spiral tube.
3. Secure the Protective
Spiral Tube on a suitable
place with the attached
nut.
4. Use the attached saddle to
secure the end cap of the
Protective Spiral Tube. To
secure the Protective Spiral
Tube at a position other than
the end cap, apply tape to the
tube so that the portion
becomes thicker in diameter.
E39-F10 Fiber Connector
Mount the Fiber Connector as shown in the following
illustrations.
1. Insert the Fiber Unit into the retention clip.
2. Insert the retention clip into the splice.
• The Fiber Units should be as close as possible when they
are connected.
Sensing distance will be reduced by approximately 25%
when fibers are connected.
• Only 2.2-mm dia. fibers can be connected.
Protective Spiral
Tube
Fiber Unit
Protective Spiral
Tube
Fiber Unit
Protective Spiral
Tube
Toothed washer
Fiber Unit
Hexagon clamping nut
Mounting panel
End cap
Tube
Saddle
Retention unit
Fiber Unit
Splice
Retention
unit
Fiber Unit
Fiber Unit
Fiber Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn