Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F020 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49F020
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F020 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49F020 Datasheet HTML 1Page - ATMEL Corporation AT49F020 Datasheet HTML 2Page - ATMEL Corporation AT49F020 Datasheet HTML 3Page - ATMEL Corporation AT49F020 Datasheet HTML 4Page - ATMEL Corporation AT49F020 Datasheet HTML 5Page - ATMEL Corporation AT49F020 Datasheet HTML 6Page - ATMEL Corporation AT49F020 Datasheet HTML 7Page - ATMEL Corporation AT49F020 Datasheet HTML 8Page - ATMEL Corporation AT49F020 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
AT49F020
3
PRODUCT IDENTIFICATION: The product identification
mode identifies the device and manufacturer as Atmel. It
may be accessed by hardware or software operation. The
hardware operation mode can be used by an external pro-
grammer to identify the correct programming algorithm for
the Atmel product.
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49F020 features DATA polling to
indicate the end of a program cycle. During a program
cycle an attempted read of the last byte loaded will result in
the complement of the loaded data on I/O7. Once the pro-
gram cycle has been completed, true data is valid on all
outputs and the next cycle may begin. DATA polling may
begin at any time during the program cycle.
TOGGLE BIT: In addition to DATA polling the AT49F020
provides another method for determining the end of a pro-
gram or erase cycle. During a program or erase operation,
successive attempts to read data from the device will result
in I/O6 toggling between one and zero. Once the program
cycle has completed, I/O6 will stop toggling and valid data
will be read. Examining the toggle bit may begin at any time
during a program cycle.
HARDWARE DATA PROTECTION: Hardware features
protect against inadvertent programs to the AT49F020 in
the following ways: (a) V
CC sense: if VCC is below 3.8V (typ-
ical), the program function is inhibited. (b) Program inhibit:
holding any one of OE low, CE high or WE high inhibits pro-
gram cycles. (c) Noise filter: pulses of less than 15 ns (typi-
cal) on the WE or CE inputs will not initiate a program
cycle.
Notes:
1.
The 8K byte boot sector has the address range 00000H to 01FFFH.
2.
Either one of the Product ID exit commands can be used.
Command Definition (in Hex)
Command
Sequence
Bus
Cycles
1st Bus
Cycle
2nd Bus
Cycle
3rd Bus
Cycle
4th Bus
Cycle
5th Bus
Cycle
6th Bus
Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Read
1
Addr
D
OUT
Chip Erase
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
10
Byte Program
4
5555
AA
2AAA
55
5555
A0
Addr
D
IN
Boot Block
Lockout (1)
6
5555
AA
2AAA
55
5555
80
5555
AA
2AAA
55
5555
40
Product ID
Entry
3
5555
AA
2AAA
55
5555
90
Product ID Exit
(2)
3
5555
AA
2AAA
55
5555
F0
Product ID Exit
(2)
1
XXXX
F0
Absolute Maximum Ratings*
Temperature Under Bias................................ -55°C to +125°C
*NOTICE:
Stresses beyond those listed under “Absolute
Maximum Ratings” may cause permanent dam-
age to the device. This is a stress rating only and
functional operation of the device at these or any
other conditions beyond those indicated in the
operational sections of this specification is not
implied. Exposure to absolute maximum rating
conditions for extended periods may affect device
reliability.
Storage Temperature ..................................... -65°C to +150°C
All Input Voltages (including NC Pins)
with Respect to Ground ...................................-0.6V to +6.25V
All Output Voltages
with Respect to Ground .............................-0.6V to V
CC + 0.6V
Voltage on OE
with Respect to Ground ...................................-0.6V to +13.5V


Similar Part No. - AT49F020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F020

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F002T ATMEL-AT49F002T Datasheet
119Kb / 12P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
logo
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
logo
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
logo
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
logo
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com