Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F010 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49F010
Description  1-Megabit 128K x 8 5-volt Only CMOS Flash Memory
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F010 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49F010 Datasheet HTML 1Page - ATMEL Corporation AT49F010 Datasheet HTML 2Page - ATMEL Corporation AT49F010 Datasheet HTML 3Page - ATMEL Corporation AT49F010 Datasheet HTML 4Page - ATMEL Corporation AT49F010 Datasheet HTML 5Page - ATMEL Corporation AT49F010 Datasheet HTML 6Page - ATMEL Corporation AT49F010 Datasheet HTML 7Page - ATMEL Corporation AT49F010 Datasheet HTML 8Page - ATMEL Corporation AT49F010 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AT49F010/HF010
1-Megabit
(128K x 8)
5-volt Only
CMOS Flash
Memory
AT49F010
AT49HF010
Features
Single Voltage Operation
- 5V Read
- 5V Reprogramming
Fast Read Access Time - 45 ns
Internal Program Control and Timer
8K bytes Boot Block With Lockout
Fast Erase Cycle Time - 10 seconds
Byte By Byte Programming - 10 µs/Byte
Hardware Data Protection
DATA Polling For End Of Program Detection
Low Power Dissipation
- 30 mA Active Current
- 100
µA CMOS Standby Current
Typical 10,000 Write Cycles
Pin Configurations
Pin Name
Function
A0 - A16
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
NC
No Connect
The AT49F010/HF010 are 5-volt-only in-system programmable and erasable Flash
Memories. Their 1-megabit of memory is organized as 131,072 words by 8 bits. Manu-
factured with Atmel’s advanced nonvolatile CMOS technology, the devices offer ac-
cess times to 45 ns (HF version) with a power dissipation of just 165 mW over the
commercial temperature range. When the device is deselected, the CMOS standby
current is less than 100
µA.
To allow for simple in-system reprogrammability, the AT49F010/HF010 does not re-
quire high input voltages for programming. Five-volt-only commands determine the
read and programming operation of the device. Reading data out of the device is
similar to reading from an EPROM. Reprogramming the AT49F010/HF010 is per-
formed by erasing the entire 1 megabit of memory and then programming on a byte
by byte basis. The byte programming time is a fast 50
µs. The end of a program cycle
can be optionally detected by the DATA polling feature. Once the end of a byte pro-
Description
(continued)
DIP Top View
TSOP Top View
Type 1
PLCC Top View
0852AX–5/97


Similar Part No. - AT49F010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JC ATMEL-AT49F001-12JC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12JI ATMEL-AT49F001-12JI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PC ATMEL-AT49F001-12PC Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT49F001-12PI ATMEL-AT49F001-12PI Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F010

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT29C010A ATMEL-AT29C010A Datasheet
727Kb / 12P
   1 Megabit 128K x 8 5-volt Only CMOS Flash Memory
AT29C010A ATMEL-AT29C010A_08 Datasheet
408Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT49F001 ATMEL-AT49F001 Datasheet
152Kb / 16P
   1-Megabit 128K x 8 5-volt Only Flash Memory
AT29C010A-70TI ATMEL-AT29C010A-70TI Datasheet
314Kb / 18P
   1-megabit (128K x 8) 5-volt Only Flash Memory
AT29C010A ATMEL-AT29C010A_02 Datasheet
214Kb / 18P
   1-Megabit (128K x 8) 5-volt Only Flash Memory
AT29LV010A-12TU ATMEL-AT29LV010A-12TU Datasheet
721Kb / 16P
   1-megabit (128K x 8) 3-volt Only Flash Memory
AT49F2048 ATMEL-AT49F2048 Datasheet
207Kb / 11P
   2-Megabit 128K x 16 5-volt Only CMOS Flash Memory
AT29LV010A ATMEL-AT29LV010A Datasheet
491Kb / 10P
   1 Megabit 128K x 8 3-volt Only CMOS Flash
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT49F001A ATMEL-AT49F001A Datasheet
283Kb / 18P
   1-MEGABIT (128 X 8) 5-VOLT ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com