Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFB312G45SP1A502 Datasheet(PDF) 13 Page - Murata Manufacturing Co., Ltd.

Part # LFB312G45SP1A502
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB312G45SP1A502 Datasheet(HTML) 13 Page - Murata Manufacturing Co., Ltd.

Back Button LFB312G45SP1A502 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LFB312G45SP1A502 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LFB312G45SP1A502 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LFB312G45SP1A502 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LFB312G45SP1A502 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. LFB312G45SP1A502 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. LFB312G45SP1A502 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. LFB312G45SP1A502 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. LFB312G45SP1A502 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
Filters for Communication Equipment
7
o GSM900/GSM1800 Dual Band
SAWEP942MCN0F00(942.5)
Laser Printing
EIAJ Code
Marking :
∗ :
(1) :
(4) :
(8)(9) :
(6)(7) :
Others :
Input
Input
Output
Output
Ground
(in mm)
2.0
±0.1
(10)
(5)
(9)
(6)
(7)
(8)
(1)
(4)
(3)
(2)
(0.20)
6-0.27
±0.05
8-0.26
±0.05
0.45
±0.05
0.65
±0.05
(C0.15)
(0.075)
0.6 max.
Dot Marking
(ø0.3)
SAWES942MCQ0F00(942.5)
Input
Input
Output
Output
Ground
(1) :
(4) :
(8)(9) :
(6)(7) :
Others :
(in mm)
Dot Marking (ø0.3)
(0.2)
(3) (4)
(2)
(1)
(7) (6)
(8)
(9)
(C0.15)
M
2.5
±0.1
8-0.325
±0.050
2-0.70
±0.05
6-0.35
±0.05
Marking :
∗ :
Laser Printing
EIAJ Code
(10)
(5)
Pin
Part Number
Center
Frequency
(MHz)
Insertion Loss
(dB)
Ripple (dB max.)
VSWR
Input
Impedance
Output
Impedance
SAWEP942MCN0F00(942.5)
942.5
2.3 max.
(925MHz~960MHz)
1.3
(925MHz~960MHz)
2.1max.
(925MHz~960MHz)
50ohm
150ohm//82nH
SAWEP942MCN0F00(1842.5)
1842.5
2.2 max.
(1805MHz~1880MHz)
1.2
(1805MHz~1880MHz)
2.2max.
(1805MHz~1880MHz)
50ohm
150ohm//15nH
SAWES942MCQ0F00(942.5)
942.5
2.9 max.
(925MHz~960MHz)
1.7
(925MHz~960MHz)
2.2max.
(925MHz~960MHz)
50ohm
150ohm//56nH
SAWES942MCQ0F00(1842.5)
1842.5
2.6 max.
(1805MHz~1880MHz)
1.7
(1805MHz~1880MHz)
2.4max.
(1805MHz~1880MHz)
50ohm
150ohm//15nH
SAWES942MCM0F00(942.5)
942.5
2.8 max.
(925MHz~960MHz)
1.5
(925MHz~960MHz)
2max.
(925MHz~960MHz)
50ohm
150ohm//56nH
SAWES942MCM0F00(1842.5)
1842.5
3 max.
(1805MHz~1880MHz)
1.8
(1805MHz~1880MHz)
2.2max.
(1805MHz~1880MHz)
50ohm
150ohm//18nH
SAWES942MCQ0F05(942.5)
942.5
2.9 max.
(925MHz~960MHz)
1.7
(925MHz~960MHz)
2.2max.
(925MHz~960MHz)
50ohm
150ohm//56nH
SAWES942MCQ0F05(1842.5)
1842.5
2.6 max.
(1805MHz~1880MHz)
1.7
(1805MHz~1880MHz)
2.4max.
(1805MHz~1880MHz)
50ohm
150ohm//15nH
SAWSP942MLD0T00(942.5)
942.5
3 max.
(925MHz~960MHz)
2
(925MHz~960MHz)
2.5max.
(925MHz~960MHz)
50ohm
50ohm
SAWSP942MLD0T00(1842.5)
1842.5
3.2 max.
(1805MHz~1880MHz)
2
(1805MHz~1880MHz)
2.5max.
(1805MHz~1880MHz)
50ohm
50ohm
SAWSU942MCS0T01(942.5)
942.5
3.2 max.
(925MHz~960MHz)
2.2
(925MHz~960MHz)
2.4max.
(925MHz~960MHz)
50ohm
200ohm//47nH
SAWSU942MCS0T01(1842.5)
1842.5
3.2 max.
(1805MHz~1880MHz)
2.2
(1805MHz~1880MHz)
2.5max.
(1805MHz~1880MHz)
50ohm
200ohm//16nH
o GSM1800
SAFEB1G84FA0F00
Laser Printing
EIAJ Code
Marking :
∗ :
(1) :
(3)(4) :
Others :
Input
Output
Ground
(in mm)
1.35
±0.05
(1)
(2) (3)
(5) (4)
2-0.25
±0.05
(0.20)
5-0.25
±0.05
2-0.25
±0.05
(0.05)
Dot Marking
(ø0.3)
SAFED1G84FB0F00
Laser Printing
EIAJ Code
Marking :
∗ :
(1) :
(3)(4) :
Others :
Input
Output
Ground
(in mm)
2.0
±0.1
(1)
(2)
(3)
(5)
(4)
(0.20)
5-0.40
±0.05
2-0.325
±0.050
2-0.325
±0.050
(0.075)
Dot Marking
(ø0.3)
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFB312G45SP1A502

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB312G45SP1A502 MURATA-LFB312G45SP1A502 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB312G45SP1A502 MURATA1-LFB312G45SP1A502 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFB312G45SP1A502 MURATA1-LFB312G45SP1A502 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB312G45SP1A502 MURATA1-LFB312G45SP1A502 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
LFB312G45SP1A502 MURATA1-LFB312G45SP1A502 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFB312G45SP1A502

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com