Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LFB311G40SL1A562 Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # LFB311G40SL1A562
Description  Filters for Communication Equipment
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB311G40SL1A562 Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button LFB311G40SL1A562 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFB311G40SL1A562 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFB311G40SL1A562 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFB311G40SL1A562 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFB311G40SL1A562 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LFB311G40SL1A562 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LFB311G40SL1A562 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LFB311G40SL1A562 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LFB311G40SL1A562 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Filters for Communication Equipment
7
Part Number
Frequency
Range[P1](f1)
(MHz)
Frequency
Range[P2](f2)
(MHz)
Insertion Loss
[P1-P3](in f1)
(dB)
Insertion Loss
[P2-P3](in f2)
(dB)
Attenuation
[P1-P3](in f2)
(dB)
Attenuation
[P2-P3](in f1)
(dB)
Continued from the preceding page.
LFD21859MDP1A049
1920
±70.0MHz
859
±35.0MHz
0.45 max. (at 25
°C)
0.40 max. (at 25
°C)
19 min.
20 min.
LFD21859MDP2A076
859
±35.0MHz
1920
±70.0MHz
0.40 max. (at 25
°C)
0.45 max. (at 25
°C)
20 min.
19 min.
LFD21874MDP1A084
1575.5
±3.0MHz
874
±51.0MHz
0.60 max. (at 25
°C)
0.55 max. (at 25
°C)
25 min.
23 min.
LFD21874MDP2A181
874
±51.0MHz
1575.5
±3.0MHz
0.55 max. (at 25
°C)
0.60 max. (at 25
°C)
23 min.
25 min.
LFD21884MDP1A062
1906.5
±13.0MHz
884
±74.0MHz
0.45 max. (at 25
°C)
0.50 max. (at 25
°C)
20 min.
20 min.
LFD21892MDP1A141
1850
±140.0MHz
892
±68.0MHz
0.60 max. (at 25
°C)
0.40 max. (at 25
°C)
19 min.
17 min.
LFD21892MDP2B860
892
±68.0MHz
1850
±140.0MHz
0.40 max. (at 25
°C)
0.60 max. (at 25
°C)
17 min.
19 min.
LFD21920MDP1A048
1795
±85.0MHz
920
±40.0MHz
0.55 max. (at 25
°C)
0.50 max. (at 25
°C)
20 min.
16 min.
for RF/Local
Chip Multilayer LC Filters (Trap)
(in mm)
2.0
±0.15
0.95
±0.15
0.25
±0.20
IN
OUT
Input Terminal
Marking
(1)
(2)
(1) :
(2) :
Part Number
Center Frequency of Rejection Band
(MHz)
Pass Bandwidth (BW)
(MHz)
Insertion Loss in BW
(dB)
Attenuation (Absolute Value)
(dB)
LFE21560MHA1A004
560
810~885
0.7 max. (at 25
°C)
10.0 min. at 550~570MHz
for RF/Local
Chip Multilayer LC Filters (Balanced Filters)
LFB21_BA Series
2.00
±0.15
* All the technical data and information contained herein are
subject to change without prior notice.
0.35
±0.10
0.65
±0.05
0.20
±0.15
0.90
±0.10
(1)
(2)
(3)
(7)
(6)
(5)
(8)
(4)
(in mm)
0.3
+0.1
-0.2
0.30
+0.10
-0.15
A
NC
NC (DC feed Port)
Unbalance Port
GND
Balance Port
(1) :
(2) :
(3) :
(4)(6)(8) :
(5)(7) :
A : Directional Input Mark
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth
(BW)
(MHz)
Insertion
Loss in BW
(dB)
Balance Impedance
(Differential) (Nom.)
(ohm)
Unbalance Impedance
(Nom.)
(ohm)
LFB212G45BA1A220
2450.00
fo
±50.00
3.5 max. (at 25
°C) 34.2 -j95.0ohm (Differential) Source Impedance
50
LFB212G45BA1A234
2450.00
fo
±50.00
3.5 max. (at 25
°C)
50
50
LFB212G45BA1B763
2450.00
fo
±50.00
3.5 max. (at 25
°C)
50 +j50ohm (Differential) Source Impedance
50
LFB215G37BA1A233
5375.00
fo
±475.00 2.8 max. (at 25°C)
100
50
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
06.12.25


Similar Part No. - LFB311G40SL1A562

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFB311G40SL1A562 MURATA1-LFB311G40SL1A562 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFB311G40SL1A562 MURATA1-LFB311G40SL1A562 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB311G40SL1A562 MURATA1-LFB311G40SL1A562 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
More results

Similar Description - LFB311G40SL1A562

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
LFB32741MSA1-744 MURATA1-LFB32741MSA1-744 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
logo
Murata Manufacturing Co...
516786 MURATA-516786 Datasheet
481Kb / 17P
   Filters for Communication Equipment
LFB212G45BA1A220 MURATA-LFB212G45BA1A220 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
SAWES881MCU2F00 MURATA1-SAWES881MCU2F00 Datasheet
485Kb / 17P
   Filters for Communication Equipment
06.12.25
LFE21560MHA1A004 MURATA1-LFE21560MHA1A004 Datasheet
474Kb / 17P
   Filters for Communication Equipment
06.12.25
SAFCC243MRB9X00 MURATA1-SAFCC243MRB9X00 Datasheet
85Kb / 4P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFB212G45BA1A234 MURATA-LFB212G45BA1A234 Datasheet
474Kb / 17P
   Filters for Communication Equipment
LFB155G37CB1C032 MURATA-LFB155G37CB1C032 Datasheet
129Kb / 9P
   Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com