Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F002T Datasheet(PDF) 4 Page - ATMEL Corporation

Part No. AT49F002T
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F002T Datasheet(HTML) 4 Page - ATMEL Corporation

  AT49F002T Datasheet HTML 1Page - ATMEL Corporation AT49F002T Datasheet HTML 2Page - ATMEL Corporation AT49F002T Datasheet HTML 3Page - ATMEL Corporation AT49F002T Datasheet HTML 4Page - ATMEL Corporation AT49F002T Datasheet HTML 5Page - ATMEL Corporation AT49F002T Datasheet HTML 6Page - ATMEL Corporation AT49F002T Datasheet HTML 7Page - ATMEL Corporation AT49F002T Datasheet HTML 8Page - ATMEL Corporation AT49F002T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AT49F002(N)T
4
Once the feature is enabled, the data in the boot block can
no longer be erased or programmed. Data in the main
memory block can still be changed through the regular pro-
gramming method. To activate the lockout feature, a series
of six program commands to specific addresses with spe-
cific data must be performed. Please refer to the Command
Definitions table.
BOOT BLOCK LOCKOUT DETECTION: A software
method is available to determine if programming of the boot
block section is locked out. When the device is in the soft-
ware product identification mode (see Software Product
Identification Entry and Exit sections) a read from address
location 00002H will show if programming the boot block is
locked out. If the data on I/O0 is low, the boot block can be
programmed; if the data on I/O0 is high, the program lock-
out feature has been activated and the block cannot be
programmed. The software product identification code
should be used to return to standard operation.
BOOT BLOCK PROGRAMMING LOCKOUT OVERRIDE:
The user can override the boot block programming lockout
by taking the RESET pin to 12 volts. By doing this, pro-
tected boot block data can be altered through a chip erase,
sector erase or word programming. When the RESET pin is
brought back to TTL levels the boot block programming
lockout feature is again active. This feature is not available
on the AT49F002NT.
PRODUCT IDENTIFICATION: The product identification
mode identifies the device and manufacturer as Atmel. It
may be accessed by hardware or software operation. The
hardware operation mode can be used by an external pro-
grammer to identify the correct programming algoithm for
the Atmel product.
For details, see Operating Modes (for hardware operation)
or Software Product Identification. The manufacturer and
device code is the same for both modes.
DATA POLLING: The AT49F002(N)T features DATA poll-
ing to indicate the end of a program cycle. During a pro-
gram cycle an attempted read of the last byte loaded will
result in the complement of the loaded data on I/O7. Once
the program cycle has been completed, true data is valid
on all outputs and the next cycle may begin. DATA polling
may begin at any time during the program cycle.
TOGG LE B I T : I n addi tion t o DAT A pol ling th e
AT49F002(N)T provides another method for determining
the end of a program or erase cycle. During a program or
erase operation, successive attempts to read data from the
device will result in I/O6 toggling between one and zero.
Once the program cycle has completed, I/O6 will stop tog-
gling and valid data will be read. Examining the toggle bit
may begin at any time during a program cycle.
HARDWARE DATA PROTECTION: Hardware features
protect against inadvertent programs to the AT49F002(N)T
in the following ways: (a) VCC sense: if VCC is below 3.8V
(typical), the program function is inhibited. (b) Program
inhibit: holding any one of OE low, CE high or WE high
inhibits program cycles. (c) Noise filter: pulses of less than
15 ns (typical) on the WE or CE inputs will not initiate a pro-
gram cycle.


Similar Part No. - AT49F002T

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T-12JC ATMEL-AT49F002T-12JC Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T-12JI ATMEL-AT49F002T-12JI Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T-12PC ATMEL-AT49F002T-12PC Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T-12PI ATMEL-AT49F002T-12PI Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F002T

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
Hynix Semiconductor
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
PMC-Sierra, Inc
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz