Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F002T Datasheet(PDF) 10 Page - ATMEL Corporation

Part No. AT49F002T
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F002T Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT49F002T Datasheet HTML 4Page - ATMEL Corporation AT49F002T Datasheet HTML 5Page - ATMEL Corporation AT49F002T Datasheet HTML 6Page - ATMEL Corporation AT49F002T Datasheet HTML 7Page - ATMEL Corporation AT49F002T Datasheet HTML 8Page - ATMEL Corporation AT49F002T Datasheet HTML 9Page - ATMEL Corporation AT49F002T Datasheet HTML 10Page - ATMEL Corporation AT49F002T Datasheet HTML 11Page - ATMEL Corporation AT49F002T Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AT49F002(N)T
10
Data Polling Characteristics(1)
Notes:
1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay(2)
ns
tWR
Write Recovery Time
0
ns
DATA Polling Waveforms
HIGH Z
An
An
An
An
An
WE
CE
OE
I/O7
A0-A17
tOEH
tOE
tDH
tWR
Toggle Bit Characteristics(1)
Notes:
1. These parameters are characterized and not 100% tested.
2. See tOE spec in AC Read Characteristics.
Symbol
Parameter
Min
Typ
Max
Units
tDH
Data Hold Time
10
ns
tOEH
OE Hold Time
10
ns
tOE
OE to Output Delay(2)
ns
tOEHP
OE High Pulse
150
ns
tWR
Write Recovery Time
0
ns
Toggle Bit Waveforms(1)(2)(3)
Notes:
1.
Toggling either OE or CE or both OE and CE will operate toggle bit. The tOEHP specification must be met by the toggling
input(s).
2.
Beginning and ending state of I/O6 will vary.
3.
Any address location may be used but the address should not vary.
WE
CE
OE
I/O6
tOEH
HIGH Z
tDH
tOE
tWR
tOEHP


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn