Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F002T Datasheet(PDF) 9 Page - ATMEL Corporation

Part No. AT49F002T
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F002T Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT49F002T Datasheet HTML 4Page - ATMEL Corporation AT49F002T Datasheet HTML 5Page - ATMEL Corporation AT49F002T Datasheet HTML 6Page - ATMEL Corporation AT49F002T Datasheet HTML 7Page - ATMEL Corporation AT49F002T Datasheet HTML 8Page - ATMEL Corporation AT49F002T Datasheet HTML 9Page - ATMEL Corporation AT49F002T Datasheet HTML 10Page - ATMEL Corporation AT49F002T Datasheet HTML 11Page - ATMEL Corporation AT49F002T Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AT49F002(N)T
9
Program Cycle Characteristics
Symbol
Parameter
Min
Typ
Max
Units
tBP
Byte Programming Time
10
50
µs
tAS
Address Set-up Time
0
ns
tAH
Address Hold Time
50
ns
tDS
Data Set-up Time
50
ns
tDH
Data Hold Time
0
ns
tWP
Write Pulse Width
90
ns
tWPH
Write Pulse Width High
90
ns
tEC
Erase Cycle Time
10
seconds
Program Cycle Waveforms
Sector or Chip Erase Cycle Waveforms
Notes:
1.
OE must be high only when WE and CE are both low.
2.
For chip erase, the address should be 5555. For sector erase, the address depends on what sector is to be erased. (See
note 4 under command definitions.)
3.
For chip erase, the data should be 10H, and for sector erase, the data should be 30H.
OE
(1)
AA
80
Note 3
55
55
5555
5555
Note 2
AA
BYTE 0
BYTE 1
BYTE 2
BYTE 3
BYTE 4
BYTE 5
2AAA
2AAA
tWPH
tWP
CE
WE
AO - A17
DATA
tAS
tAH
tEC
tDH
tDS
5555


Similar Part No. - AT49F002T

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT49F002T ATMEL-AT49F002T Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T-12JC ATMEL-AT49F002T-12JC Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T-12JI ATMEL-AT49F002T-12JI Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T-12PC ATMEL-AT49F002T-12PC Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002T-12PI ATMEL-AT49F002T-12PI Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
More results

Similar Description - AT49F002T

ManufacturerPart No.DatasheetDescription
ATMEL Corporation
ATMEL Corporation
AT29C020 ATMEL-AT29C020 Datasheet
257Kb / 11P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT49F020 ATMEL-AT49F020 Datasheet
84Kb / 10P
   2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
AT29C020 ATMEL-AT29C020 Datasheet
426Kb / 17P
   2-megabit (256K x 8) 5-volt Only Flash Memory
Hynix Semiconductor
Hynix Semiconductor
HY29F002T HYNIX-HY29F002T Datasheet
381Kb / 38P
   2 Megabit (256K x 8), 5 Volt-only, Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F002 ATMEL-AT49F002 Datasheet
182Kb / 16P
   2-Megabit 256K x 8 5-volt Only Flash Memory
AT49F002 ATMEL-AT49F002 Datasheet
213Kb / 20P
   2-megabit (256K x 8) 5-volt Only Flash Memory
AT29LV020 ATMEL-AT29LV020 Datasheet
486Kb / 10P
   2 Megabit 256K x 8 3-volt Only CMOS Flash Memory
PMC-Sierra, Inc
PMC-Sierra, Inc
PM29F002 PMC-PM29F002 Datasheet
148Kb / 21P
   2 Megabit (256K X 8) 5.0 Volt-only CMOS Flash Memory
ATMEL Corporation
ATMEL Corporation
AT49F2048A ATMEL-AT49F2048A Datasheet
275Kb / 13P
   2-megabit 256K x 8/ 128K x 16 5-volt Only CMOS Flash Memory
AT29LV020 ATMEL-AT29LV020_08 Datasheet
387Kb / 16P
   2-megabit (256K x 8) 3-volt Only Flash Memory
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz