Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49F002T Datasheet(PDF) 8 Page - ATMEL Corporation

Part No. AT49F002T
Description  2-Megabit 256K x 8 5-volt Only CMOS Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49F002T Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49F002T Datasheet HTML 4Page - ATMEL Corporation AT49F002T Datasheet HTML 5Page - ATMEL Corporation AT49F002T Datasheet HTML 6Page - ATMEL Corporation AT49F002T Datasheet HTML 7Page - ATMEL Corporation AT49F002T Datasheet HTML 8Page - ATMEL Corporation AT49F002T Datasheet HTML 9Page - ATMEL Corporation AT49F002T Datasheet HTML 10Page - ATMEL Corporation AT49F002T Datasheet HTML 11Page - ATMEL Corporation AT49F002T Datasheet HTML 12Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AT49F002(N)T
8
AC Byte Load Characteristics
Symbol
Parameter
Min
Max
Units
tAS, tOES
Address, OE Set-up Time
0
ns
tAH
Address Hold Time
50
ns
tCS
Chip Select Set-up Time
0
ns
tCH
Chip Select Hold Time
0
ns
tWP
Write Pulse Width (WE or CE)90
ns
tDS
Data Set-up Time
50
ns
tDH, tOEH
Data, OE Hold Time
0ns
tWPH
Write Pulse Width High
90
ns
AC Byte Load Waveforms
WE Controlled
tDH
tDS
tAS
tAH
tWP
CE
ADDRESS
DATA IN
OE
tOES
tOEH
WE
tCS
tCH
tWPH
CE Controlled
tDH
tDS
tAS
tAH
tWP
WE
ADDRESS
DATA IN
OE
tOES
tOEH
CE
tCS
tCH
tWPH


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn