Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

4610M-LF Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part No. 4610M-LF
Description  Networks
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BOURNS [Bourns Electronic Solutions]
Homepage  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

4610M-LF Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  4610M-LF Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Headquarters Riverside CA
www.bourns.com
page 1 of 1
MATERIAL DECLARATION SHEET
Material #
4610M-LF Series
Product Line
Networks
Date
05/17/2005
RoHS Compliant
Yes
No.
Construction
Element
Material
Group
Material
Weight [g]
Materials
CAS
If applicable
Average Mass
[%]
Sum [%]
1
Element
Ceramic
Conductor
Ink
Glaze
0.1848
0.0022
0.0460
0.0153
0.0246
0.0010
0.0021
0.0028
0.0031
0.0011
Alumina
Silver
Lead Monoxide
Ruthenium (IV) Oxide
Silicon Dioxide
Calcium Oxide
Zircon
Aluminum Oxide
Diboron Trioxide
Chromium (III) Oxide
1344-28-1
7440-22-4
1317-36-8
12036-10-1
7631-86-9
1305-78-8
14940-68-2
1344-28-1
1303-86-2
1308-38-9
31.97
0.37
7.96
2.65
4.25
0.18
0.36
0.48
0.53
0.19
48.94
2
Terminal Pins
Steel
Plating
0.0636
0.0037
0.0001
Steel Alloys
Tin
Silver
Copper
7440-31-5
7440-22-4
7440-50-8
11.01
0.64
0.02
11.67
3
Termination
Solder
0.0496
0.0018
0.0003
Tin
Silver
Copper
7440-31-5
7440-22-4
7440-50-8
8.58
0.31
0.04
8.93
4
Body
Plastic
0.0704
0.0704
0.0141
0.0035
0.0176
Silica, Victreous
Bisphenol A Epoxy Resin
BTDA
Antimony Oxide
TBBPA
60676-86-0
25036-25-3
2421-28-5
1309-64-4
79-94-7
12.19
12.19
2.44
0.60
3.05
30.46
Total Weight
0.5779


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn