Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR221-2FCR040GE Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # PWR221-2FCR040GE
Description  Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR221-2FCR040GE Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  PWR221-2FCR040GE Datasheet HTML 1Page - Bourns Electronic Solutions PWR221-2FCR040GE Datasheet HTML 2Page - Bourns Electronic Solutions PWR221-2FCR040GE Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
TO220 or TO221 housing
Low inductance
SMD and through hole versions
High power rating
PWR220/PWR221 F Series Power Resistors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
General Information
The Bourns® PWR220 F Series is a TO220 style Power Resistor; PWR221 F is a TO221
style Power Resistor. Manufactured using thick film on Alumina ceramic technology, it
is used in applications such as power supplies, motor drives and measurements.
Material Specifications
Resistor .................................. Thick film
Substrate ......................Alumina (AL203)
Housing ................................Epoxy/PPS
Lead Frame ....... Tinned Copper (Sn/Cu)
Maximum Torque........................ 1.0 Nm
Packaging
Tubes...............................50 pcs./tube
Tape & Reel**.................. 500 pcs./reel
**Tape & Reel is only available for
Versions A and D.
Electrical & Thermal Characteristics
Parameter
Symbol
Min.
Nom.
Max.
Unit
Resistance
(Version A)
(Version C & D)
R
R
0.02
0.02
100K
15K
Ω
Ω
Power Rating @ 70 °C in Free Air
Power Rating with External Heat Sink
(Version A)
(Version C & D)
1.50
30
50
W
W
W
Tolerance
0.02
Ω < R < 1.0 Ω
1.0
Ω < R < 100K Ω
2.0
1.0
5.0
5.0
%
%
TCR
0.1
Ω < R < 100.0K Ω
0.05
Ω < R < 0.099 Ω
0.02
Ω < R < 0.049 Ω
±100
±300
±600
PPM/°C
PPM/°C
PPM/°C
Thermal Resistance – Rthj
(Version A)
(Version C & D)
3.5
2.1
°C/W
°C/W
Stability
0.5
%
Dielectric Withstanding Voltage
2
kV DC
Operating Temperature
TJ
-40
+155
°C
Models PWR220-2FB, PWR221-2FB,
and PWR220-2FA are not available
and not recommended for new
designs.
Models PWR220T-35, PWR221T-30, and
PWR263S-35 are suggested alternatives.


Similar Part No. - PWR221-2FCR040GE

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR221-2FCR0400F BOURNS-PWR221-2FCR0400F Datasheet
307Kb / 3P
   Power Resistor
PWR221-2FCR0400FE BOURNS-PWR221-2FCR0400FE Datasheet
307Kb / 3P
   Power Resistor
PWR221-2FCR0400G BOURNS-PWR221-2FCR0400G Datasheet
307Kb / 3P
   Power Resistor
PWR221-2FCR0400GE BOURNS-PWR221-2FCR0400GE Datasheet
307Kb / 3P
   Power Resistor
PWR221-2FCR0400J BOURNS-PWR221-2FCR0400J Datasheet
307Kb / 3P
   Power Resistor
More results

Similar Description - PWR221-2FCR040GE

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   Power Resistor
PWR220035XXX BOURNS-PWR220035XXX Datasheet
49Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
   Power Resistor
PWR3920S BOURNS-PWR3920S Datasheet
224Kb / 2P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F Datasheet
314Kb / 3P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F_16 Datasheet
316Kb / 3P
   Power Resistor
PWR220T-20 BOURNS-PWR220T-20 Datasheet
242Kb / 2P
   Power Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com