Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PWR220F Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PWR220F
Description  Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PWR220F Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PWR220F Datasheet HTML 1Page - Bourns Electronic Solutions PWR220F Datasheet HTML 2Page - Bourns Electronic Solutions PWR220F Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PWR220/PWR221 F Series Power Resistors
How to Order
PWR 220 - 2 F B R040 J E
Model
PWR = Power Resistor
Package
220 = TO220
221 = TO221
Number of Pins
2 = 2
Function
F = Thick Film
Version
A = TO221 Housing, Surface Mount, 30 W (w/Heat Sink)
C = TO220 Housing/TO221 Housing, Through-Hole, 50 W
(w/Heat Sink)
D = TO220 Housing, Surface Mount, 50 W (w/Heat Sink)
Resistor Value for all Tolerances
<100 ohms ..... “R” represents decimal point
(examples: 7R50 = 7.5 ohms; R040 = 0.040 ohms)
≥100 ohms ..... First three digits are significant, fourth digit represents
number of zeros to follow
(examples: 2000 = 200 ohms; 2002 = 20K ohms)
Absolute Tolerance
J = 5 %
G = 2 %
F = 1 %
Packaging
E = Tape & Reel (Available only for Versions A and D)
___ = Tubes
Product Dimensions
10.16
(0.4)
TO220 Housing: 2-Pin
3.7
(0.15)
4.0
(0.16)
6.0
(0.24)
17.3
(0.68)
27.3
(1.07)
14.4
(0.57)
16.4
(0.65)
1.3
(0.05)
1.2
(0.05)
1.85
(0.07)
0.4
(0.015)
0.76
(0.03)
5.08
(0.2)
MEASURING
POINT
TO221 Casing: 2-Pin
10.16
(0.4)
3.2
(0.13)
3.7
(0.15)
4.0
(0.16)
18.3
(0.72)
28.3
(1.11)
14.4
(0.57)
16.4
(0.65)
1.3
(0.05)
1.2
(0.05)
1.85
(0.07)
0.4
(0.015)
0.76
(0.03)
MEASURING
POINT
5.08
(0.2)
TO220 Casing: 2-Pin (Surface Mount)
10.16
(0.4)
14.6
(0.57)
15.0
(0.59)
17.33
(0.68)
12.7
(0.50)
0.76
(0.03)
1.4
(0.06)
4.0
(0.16)
1.2
(0.05)
11.16
(0.439)
18.33
(0.722)
12.10
(0.476)
3.20
(0.126)
5.08
(0.200)
1.76
(0.069)
Recommended Pad Layout
DIMENSIONS:
MM
(INCHES)
Typical Part Marking
PWR220-2F
R500 1%
0512
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION
ABSOLUTE
RESISTANCE,
TOLERANCE
DATE CODE:
YYWW
Applications
Power supplies
Motor drives
Test and measurement
Welding


Similar Part No. - PWR220F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
   Power Resistor
More results

Similar Description - PWR220F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PR01 ETC2-PR01 Datasheet
806Kb / 13P
   POWER RESISTOR
logo
Bourns Electronic Solut...
PWR263020XXX BOURNS-PWR263020XXX Datasheet
50Kb / 2P
   Power Resistor
PWR220020XXX BOURNS-PWR220020XXX Datasheet
98Kb / 2P
   Power Resistor
PWR220T-20-10R0F BOURNS-PWR220T-20-10R0F Datasheet
317Kb / 2P
   Power Resistor
PWR220035XXX BOURNS-PWR220035XXX Datasheet
49Kb / 2P
   Power Resistor
PWR220F BOURNS-PWR220F Datasheet
307Kb / 3P
   Power Resistor
PWR3920S BOURNS-PWR3920S Datasheet
224Kb / 2P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F Datasheet
314Kb / 3P
   Power Resistor
PWR221T-30-10R0F BOURNS-PWR221T-30-10R0F_16 Datasheet
316Kb / 3P
   Power Resistor
PWR220T-20 BOURNS-PWR220T-20 Datasheet
242Kb / 2P
   Power Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com