Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT49BV4096 Datasheet(PDF) 6 Page - ATMEL Corporation

Part No. AT49BV4096
Description  4-Megabit 256K x 16 3-volt Only CMOS Flash Memory
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV4096 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49BV4096 Datasheet HTML 2Page - ATMEL Corporation AT49BV4096 Datasheet HTML 3Page - ATMEL Corporation AT49BV4096 Datasheet HTML 4Page - ATMEL Corporation AT49BV4096 Datasheet HTML 5Page - ATMEL Corporation AT49BV4096 Datasheet HTML 6Page - ATMEL Corporation AT49BV4096 Datasheet HTML 7Page - ATMEL Corporation AT49BV4096 Datasheet HTML 8Page - ATMEL Corporation AT49BV4096 Datasheet HTML 9Page - ATMEL Corporation AT49BV4096 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AC Read Characteristics
AT49LV4096-12
AT49BV/LV4096-15
AT49BV/LV4096-20
Symbol
Parameter
Min
Max
Min
Max
Min
Max
Units
tACC
Address to Output Delay
120
150
200
ns
tCE (1)
CE to Output Delay
120
150
200
ns
tOE (2)
OE to Output Delay
0
50
0
100
0
100
ns
tDF (3, 4)
CE or OE to Output Float
0
30
0
50
0
50
ns
tOH
Output Hold from OE,
CE or Address,
whichever occurred first
00
0
ns
Notes: 1. CE may be delayed up to tACC - tCE after the address
transition without impact on tACC.
2. OE may be delayed up to tCE - tOE after the falling
edge of CE without impact on tCE or by tACC - tOE
after an address change without impact on tACC.
3. tDF is specified from OE or CE whichever occurs first
(CL = 5 pF).
4. This parameter is characterized and is not 100% tested.
AC Read Waveforms
(1, 2, 3, 4)
tR, tF < 5 ns
Input Test Waveforms and Measurement Level
Output Test Load
Pin Capacitance
(f = 1 MHz, T = 25°C)
(1)
Typ
Max
Units
Conditions
CIN
46
pF
VIN = 0V
COUT
812
pF
VOUT = 0V
Note:
1. This parameter is characterized and is not 100% tested.
6
AT49BV/LV4096


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn